Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7492P Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7492P
Description  25-watt 25-watt dual BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492P Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7492P Datasheet HTML 7Page - STMicroelectronics TDA7492P Datasheet HTML 8Page - STMicroelectronics TDA7492P Datasheet HTML 9Page - STMicroelectronics TDA7492P Datasheet HTML 10Page - STMicroelectronics TDA7492P Datasheet HTML 11Page - STMicroelectronics TDA7492P Datasheet HTML 12Page - STMicroelectronics TDA7492P Datasheet HTML 13Page - STMicroelectronics TDA7492P Datasheet HTML 14Page - STMicroelectronics TDA7492P Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TDA7492P
Characterization curves
Doc ID 15068 Rev 5
11/26
Figure 5.
THD at 100 Hz vs. output power
Figure 6.
THD at 1 W vs. frequency
Figure 7.
Frequency response
THD (%)
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
30
500m
1
2
5
10
20
Test conditions:
Vcc = 18 V,
RL = 6
Ω,
Rosc= 39 k
Ω,Cosc = 100 nF,
f = 100 Hz,
Gv = 30 dB,
Tamb = 25
r C
Specification limit:
Typical:
Po = 25 W @THD = 10%
2XWSXWSRZHU :
Frequency (Hz)
THD (%)
0.005
0.5
0.01
0.02
0.05
0.1
0.2
20
20k
50
100
200
500
1k
2k
5k
10k
Test conditions:
Vcc = 18 V,
RL = 6
Ω,
Rosc= 39 k
Ω,Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Po = 1 W
Tamb = 25
r C
Specification limit:
Typical:
THD < 0.4%
Ampl
(dB)
Specification limit:
Max:
+/-3 dB @20 Hz to 20 kHz
Test conditions:
Vcc = 18 V,
RL = 6
Ω,
Rosc= 39 k
Ω,Cosc = 100 nF,
f = 1 kHz,
Gv = 30 dB,
Po = 1 W
Tamb = 25
r C
-5
+2
-4
-3
-2
-1
-0
+1
10
30k
20
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com