Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7498L Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7498L
Description  80 watt 80 watt dual BTL class-D audio amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7498L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7498L Datasheet HTML 4Page - STMicroelectronics TDA7498L Datasheet HTML 5Page - STMicroelectronics TDA7498L Datasheet HTML 6Page - STMicroelectronics TDA7498L Datasheet HTML 7Page - STMicroelectronics TDA7498L Datasheet HTML 8Page - STMicroelectronics TDA7498L Datasheet HTML 9Page - STMicroelectronics TDA7498L Datasheet HTML 10Page - STMicroelectronics TDA7498L Datasheet HTML 11Page - STMicroelectronics TDA7498L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical specifications
TDA7498L
8/27
Doc ID 16504 Rev 3
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
Stresses beyond those listed under “Absolute maximum
ratings” make cause permanent damage to the device. These
are stress ratings only, and functional operation of the device
at these or any other conditions beyond those indicated
under “Recommended operating condition” are not implied.
Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability. In the real
application, the power supply with the nominal value rated in
the recommended operating conditions, may rise beyond the
maximum operating condition for a short time when no or
very low current is sunk (amplifier in mute state). In this case
the reliability of the device is guaranteed, provided that the
absolute maximum rating is not exceeded.
3.2
Thermal data
3.3
Recommended operating conditions
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC_MAX DC supply voltage for pins PVCCA, PVCCB
44
V
VL_MAX
Voltage limits for input pins STBY, MUTE, INNA, INPA,
INNB, INPB, GAIN0, GAIN1
-0.3 to 3.6
V
Tj_MAX
Operating junction temperature
0 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case Thermal resistance, junction to case
-
2
3
°C/W
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage for pins PVCCA, PVCCB
14
-
36
V
Tamb
Ambient operating temperature
-20
-
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com