Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7718N Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7718N
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718N Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7718N Datasheet HTML 22Page - STMicroelectronics TDA7718N Datasheet HTML 23Page - STMicroelectronics TDA7718N Datasheet HTML 24Page - STMicroelectronics TDA7718N Datasheet HTML 25Page - STMicroelectronics TDA7718N Datasheet HTML 26Page - STMicroelectronics TDA7718N Datasheet HTML 27Page - STMicroelectronics TDA7718N Datasheet HTML 28Page - STMicroelectronics TDA7718N Datasheet HTML 29Page - STMicroelectronics TDA7718N Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
I2C bus specification
TDA7718N
26/40
Doc ID 16502 Rev 1
5
I2C bus specification
5.1
Interface protocol
The interface protocol comprises:
●
a start condition (S)
●
a chip address byte (the LSB determines read/write transmission)
●
a subaddress byte
●
a sequence of data (N-bytes + acknowledge)
●
a stop condition (P)
●
the max. clock speed is 400 kbit/s
●
3.3 V logic compatible
Figure 20.
I2C bus interface protocol
1.
S = Start
2.
ACK = Acknowledge
5.2
I2C bus electrical characteristics
Table 6.
I2C bus electrical characteristics
Symbol
Parameter
Min
Max
Unit
fSCL
SCL clock frequency
-
400
kHz
VIH
High level input voltage
2.4
-
V
VIL
Low level input voltage
-
0.8
V
tHD,STA
Hold time for START
0.6
-
µs
tSU,STO
Setup time for STOP
0.6
-
µs
tLOW
Low period for SCL clock
1.3
-
µs
tHIGH
High period for SCL clock
0.6
-
µs
tF
Fall time for SCL/SDA
-
300
ns
tR
Rise time for SCL/SDA
-
300
ns
tHD,DAT
Data hold time
0
-
ns
tSU,DAT
Data setup time
100
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com