Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B84142C0180S081 Datasheet(PDF) 3 Page - EPCOS

Part # B84142C0180S081
Description  2?뭠ine filters for converters and power electronics
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142C0180S081 Datasheet(HTML) 3 Page - EPCOS

  B84142C0180S081 Datasheet HTML 1Page - EPCOS B84142C0180S081 Datasheet HTML 2Page - EPCOS B84142C0180S081 Datasheet HTML 3Page - EPCOS B84142C0180S081 Datasheet HTML 4Page - EPCOS B84142C0180S081 Datasheet HTML 5Page - EPCOS B84142C0180S081 Datasheet HTML 6Page - EPCOS B84142C0180S081 Datasheet HTML 7Page - EPCOS B84142C0180S081 Datasheet HTML 8Page - EPCOS B84142C0180S081 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2−line filters
B84142C*S081
for converters and power electronics
Typical circuit diagram
Technical data and measuring conditions
Rated voltage
UR L−L
1500
V DC
Rated voltage
UR L−Gnd
1500
V DC
Test voltage line to line for 2 s
Utest
4200
V DC
Test voltage line to case for 2 s
Utest
4200
V DC
Rated temperature
TR
40
°C
Overload capability (thermal)
for 3 min per hour or
for 30 s per hour
1.5 x IR
2.5 x IR
Climatic category (IEC 60068−1)
25/100/21
Please read and Cautions and warnings and
Important notes at the end of this document.
Page 3 of 10
B84142−A180__A1600−S81−51−7659
preliminary data



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com