Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL2129AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL2129AT
Description  Dimmable LED controller IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2129AT Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL2129AT Datasheet HTML 1Page - NXP Semiconductors SSL2129AT Datasheet HTML 2Page - NXP Semiconductors SSL2129AT Datasheet HTML 3Page - NXP Semiconductors SSL2129AT Datasheet HTML 4Page - NXP Semiconductors SSL2129AT Datasheet HTML 5Page - NXP Semiconductors SSL2129AT Datasheet HTML 6Page - NXP Semiconductors SSL2129AT Datasheet HTML 7Page - NXP Semiconductors SSL2129AT Datasheet HTML 8Page - NXP Semiconductors SSL2129AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SSL2129AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 23 October 2012
5 of 21
NXP Semiconductors
SSL2129AT
Dimmable LED controller IC
8.
Functional description
8.1 Introduction
The SSL2129AT is a controller IC solution for small form factor mains phase-cut
dimmable LED lamps in isolated and non-isolated applications.
8.2 Converter operation
The converter in the SSL2129AT is a Boundary Conduction Mode (BCM), peak current
controlled system. See Figure 3 for the basic application diagram. See Figure 4 for the
waveforms.
This converter type operates at the boundary between continuous and discontinuous
mode. Energy is stored in inductor L each period that the switch is on. The inductor
current IL is zero when the MOSFET is switched on. The amplitude of the current build-up
in L is proportional to the voltage drop over the inductor and the time that the MOSFET
switch is on. When the MOSFET is switched off, the energy in the inductor is released
towards the output. The current then falls at a rate proportional to the value of VOUT. The
LED current ILED depends on the peak current through the inductor (SSL2129AT
controlled) and on the dimmer angle while it is optimized for a high-power factor. A new
cycle is started once the inductor current IL is zero. This quasi-resonant operation results
in higher efficiency.
8.3 Driver pin
The SSL2129AT is equipped with a driver output for controlling an external switch. The
voltage on the driver output pin is increased towards Vo(DRIVER)max to open the switch
during the first cycle (t0 to t1). The voltage on the driver output pin is pulled down towards
a low level from the start of the secondary stroke until the next cycle starts (t0 to t00).
During transition from low to high and back, there is a controlled switching slope
steepness. This controlled condition limits the high frequency radiation from the circuit to
the surrounding area. The switching slope can be controlled further using an external
resistor between IC and gate.
At the lowest VCC voltage (VCC(stop)), the voltage of the driver is VO(DRIVER)min.
Fig 3.
SSL2129AT basic application diagram
IC
HV
TONMOD
L
VIN
VOUT
VCC
VCC
DRAIN
NTC
DRIVER
GND
NTC
LEDs
SOURCE
aaa-004042
1
2
3
7
5
4
6
8
Rsense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com