Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3826 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3826
Description  30MHz TO 2500MHz, 9W GaN WIDEBAND
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3826 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3826 Datasheet HTML 1Page - RF Micro Devices RF3826 Datasheet HTML 2Page - RF Micro Devices RF3826 Datasheet HTML 3Page - RF Micro Devices RF3826 Datasheet HTML 4Page - RF Micro Devices RF3826 Datasheet HTML 5Page - RF Micro Devices RF3826 Datasheet HTML 6Page - RF Micro Devices RF3826 Datasheet HTML 7Page - RF Micro Devices RF3826 Datasheet HTML 8Page - RF Micro Devices RF3826 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
BiFET HBT
RF IN
Pin 2,3
RF OUT / VDS
Pin 6,7
GND
BASE
VGS
Pin 1
RF3826
30MHz TO 2500MHz, 9W GaN WIDEBAND
POWER AMPLIFIER
The RF3826 is a wideband Power Amplifier designed for CW and pulsed applica-
tions such as wireless infrastructure, RADAR, two way radios and general purpose
amplification. Using an advanced high power density Gallium Nitride (GaN) semi-
conductor process, these high-performance amplifiers achieve high efficiency, flat
gain and large instantaneous bandwidth in a single amplifier design. The RF3826
is an input matched GaN transistor packaged in an air cavity ceramic package
which provides excellent thermal stability through the use of advanced heat sink
and power dissipation technologies. Ease of integration is accomplished through
the incorporation of optimized input matching network within the package that pro-
vides wideband gain and power performance in a single amplifier. An external out-
put match offers the flexibility of further optimizing power and efficiency for any
sub-band within the overall bandwidth.
Features
Advanced GaN HEMT Technology
Output Power of 9W
Advanced Heat-Sink Technology
30MHz to 2500MHz
Instantaneous Bandwidth
Input Internally Matched to 50
28V Operation Typical
Performance
POUT 39.5dBm
Gain 12dB
Power Added Efficiency 45%
(30MHz to 2500MHz)
Power Added Efficiency 50%
(200MHz to 1800MHz)
-40°C to 85°C Operating
Temperature
Large Signal Models Available
Applications
Class AB Operation for Public
Mobile Radio
Power Amplifier Stage for
Commercial Wireless
Infrastructure
General Purpose Tx Amplification
Test and Instrumentation
Civilian and Military Radar
DS120418
Package: AlN Leadless Chip Carrier / SO8
RF3826
30MHz to
2500MHz, 9W
GaN Wide-
band Power
Amplifier


Similar Part No. - RF3826

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827PCBA RFMD-RF3827PCBA Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF3826

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZAMP002 ZETEX-ZAMP002 Datasheet
127Kb / 8P
800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP003 ZETEX-ZAMP003 Datasheet
138Kb / 8P
800-2500MHz MMIC WIDEBAND AMPLIFIER
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
Wideband Amplifiers 10 to 2500MHz
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1003 RFMD-RFHA1003 Datasheet
1Mb / 11P
30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1006 RFMD-RFHA1006 Datasheet
1Mb / 11P
225MHz TO 1215MHz, 9W GaN WIDEBAND
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
logo
Mini-Circuits
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
0.5 to 2500MHz
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com