Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1003 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFHA1003
Description  30MHz TO 512MHz, 9W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1003 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFHA1003 Datasheet HTML 2Page - RF Micro Devices RFHA1003 Datasheet HTML 3Page - RF Micro Devices RFHA1003 Datasheet HTML 4Page - RF Micro Devices RFHA1003 Datasheet HTML 5Page - RF Micro Devices RFHA1003 Datasheet HTML 6Page - RF Micro Devices RFHA1003 Datasheet HTML 7Page - RF Micro Devices RFHA1003 Datasheet HTML 8Page - RF Micro Devices RFHA1003 Datasheet HTML 9Page - RF Micro Devices RFHA1003 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 of 11
RFHA1003
DS120216
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard Fixed Tuned Test Fixture Matched for 30MHz to
512MHz (T = 25°C, unless noted)
70
60
50
40
30
20
10
0
0.1
1
10
100
P
OUT, Output Power (W PEP)
IMD versus Output Power
(V
D = 28V, IDQ = 85mA, f1 = 449.5MHz, f2 = 450.5MHz)
IMD3
IMD3
IMD5
IMD5
IMD7
IMD7
9
10
11
12
13
14
15
16
17
18
19
15
20
25
30
35
40
P
OUT,Output Power (dBm)
Gain versus Output Power
(2 Tone 1MHzSeparation, V
D = 28V, IDQ varied, fc = 450MHz)
25mA
55mA
85mA
115mA
145mA
0
10
20
30
40
50
60
70
15
20
25
30
35
40
P
OUT, Output Power (dBm)
DrainEfficiency versus Output Power
(2 Tone 1MHz Separation, V
D = 28V, IDQ varied, fc= 450MHz)
25mA
55mA
85mA
115mA
145mA
40
35
30
25
20
15
10
0.1
1
10
100
P
OUT, Output Power (WPEP)
IMD3 versus Output Power
(2Tone 1MHz Separation, V
D =28V, IDQ varied, fc = 450MHz)
25mA
55mA
85mA
115mA
145mA
0
5
10
15
20
25
0
102030
40
506070
80
90
100
MaximumCase Temperature (°C)
Power Dissipation De ratingCurve
(Based on Maximum package temperature and R
TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com