Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFHA1006S2 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFHA1006S2
Description  225MHz TO 1215MHz, 9W GaN WIDEBAND
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1006S2 Datasheet(HTML) 2 Page - RF Micro Devices

  RFHA1006S2 Datasheet HTML 1Page - RF Micro Devices RFHA1006S2 Datasheet HTML 2Page - RF Micro Devices RFHA1006S2 Datasheet HTML 3Page - RF Micro Devices RFHA1006S2 Datasheet HTML 4Page - RF Micro Devices RFHA1006S2 Datasheet HTML 5Page - RF Micro Devices RFHA1006S2 Datasheet HTML 6Page - RF Micro Devices RFHA1006S2 Datasheet HTML 7Page - RF Micro Devices RFHA1006S2 Datasheet HTML 8Page - RF Micro Devices RFHA1006S2 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFHA1006
DS120418
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Voltage (VD)150
V
Gate Voltage (VG)-8 to +2
V
Gate Current (IG)10
mA
Operational Voltage
32
V
RF- Input Power
30
dBm
Ruggedness (VSWR)
12:1
Storage Temperature Range
-55 to +125
°C
Operating Temperature Range (TL)
-40 to +85
°C
Operating Junction Temperature (TJ)200
°C
Human Body Model
Class 1A
MTTF (TJ < 200°C, 95% Confidence Limits)*
3 x 106
Hours
Thermal Resistance, RTH (junction to case)
measured at TC = 85°C, DC bias only
6°C/W
* MTTF - median time to failure for wear-out failure mode (30% IDSS degradation) which is determined by the technology process reliability.
Refer to product qualification report for FIT(random) failure rate.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage
and current must not exceed the maximum operating values.
Bias Conditions should also satisfy the following expression: PDISS < (TJ - TC)/RTH J - C and TC = TCASE
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Recommended Operating
Conditions
Drain Voltage (VDSQ)28
32
V
Gate Voltage (VGSQ)-5
-3
-2
V
Drain Bias Current
88
mA
RF Input Power (PIN)28
dBm
Input Source VSWR
10:1
RF Performance
Characteristics
Frequency Range
225
1215
MHz
Small signal 3dB bandwidth
Linear Gain
16
dB
POUT = 30dBm
Power Gain
14
dB
POUT = 39.5dBm
Gain Flatness
3
dB
POUT = 30dBm, 225MHz to 1215MHz
Gain Variation with Temperature
-0.02
dB/°C
Input Return Loss (S11)-11
dB
Output Power
39.5
dBm
225MHz to 1215MHz
Power Added Efficiency (PAE)
60
%
225MHz to 1215MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com