Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2005-D Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # ENA2005-D
Description  For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA2005-D Datasheet(HTML) 2 Page - Sanyo Semicon Device

  ENA2005-D Datasheet HTML 1Page - Sanyo Semicon Device ENA2005-D Datasheet HTML 2Page - Sanyo Semicon Device ENA2005-D Datasheet HTML 3Page - Sanyo Semicon Device ENA2005-D Datasheet HTML 4Page - Sanyo Semicon Device ENA2005-D Datasheet HTML 5Page - Sanyo Semicon Device ENA2005-D Datasheet HTML 6Page - Sanyo Semicon Device ENA2005-D Datasheet HTML 7Page - Sanyo Semicon Device ENA2005-D Datasheet HTML 8Page - Sanyo Semicon Device ENA2005-D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LV8136V
No.A2005-2/19
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
VCC pin
18
V
Output current
IO max
15
mA
Allowable power dissipation
Pd max1
Independent IC
0.45
W
Pd max2
Mounted on a specified circuit board.*
1.05
W
CTL pin applied voltage
VCTL max
18
V
FG1,FG3 pin applied voltage
VFG1 max
VFG3 max
18
V
Junction temperature
Tj max
150
°C
Operating temperature
Topr
-40 to +105
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified circuit board : 114.3mm
× 76.1mm × 1.6mm, glass epoxy
Note 1) Absolute maximum ratings represent the values that cannot be exceeded for any length of time.
Note 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for further details.
Allowable Operating range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VCC
9.5 to 16.5
V
5V constant voltage output current
IREG
10
mA
HB pin output current
IHB
30
mA
FG1,FG3 pin output current
IFG1, IFG3
10
mA
Electrical Characteristics at Ta
= 25°C, VCC = 15V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current 1
ICC1
5.0
8.0
mA
Supply current 2
ICC2
At stop CTL
≤ 1.0V typ
0
20
μA
Output Block
High level output voltage
VHO
IO = -10mA
VREG-0.35
VREG-0.15
V
Low level output voltage
VLO
IO = 10mA
0.15
0.3
V
Lower output ON resistance
RONL
IO = 10mA
15
30
Ω
Upper output ON resistance
RONH
IO = -10mA
15
35
Ω
Output leakage current
IOleak
10
μA
Minimum output pulse width
Tmin
2.0
4.0
μs
Output minimum dead time
Tdt
2.0
4.0
μs
5V Constant Voltage Output
Output voltage
VREG
IO = -5mA
4.7
5.0
5.3
V
Voltage fluctuation
ΔV (REG1)
VCC = 9.5 to 16.5V, IO = -5mA
100
mV
Load fluctuation
ΔV (REG2)
IO = -5 to -10mA
100
mV
Hall Amplifier
Input bias current
IB (HA)
-2
0
μA
Common-mode input voltage range 1
VICM1
When a Hall element is used
0.3
VREG-1.7
V
Common-mode input voltage range 2
VICM2
Single-sided input bias mode
(when a Hall IC is used)
0
VREG
V
Hall input sensitivity
VHIN
Sine wave,
Hall element offset = 0V
80
mVp-p
Hysteresis width
ΔVIN (HA)
9
20
40
mV
Input voltage Low
High
VSLH
5
11
19
mV
Input voltage High
Low
VSHL
-19
-11
-5
mV
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com