Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD48 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LD48
Description  Compact, Wired Constant Current DC/DC LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD48 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LD48 Datasheet HTML 1Page - MicroPower Direct, LLC LD48 Datasheet HTML 2Page - MicroPower Direct, LLC LD48 Datasheet HTML 3Page - MicroPower Direct, LLC LD48 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
7.0
60.0
VDC
Max Input Voltage
0.5 Sec. Max
65.0
VDC
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Range
VIN = 60V
2
57
VDC
Output Current
See Model Selection Guide
Output Current Accuracy
See Model Selection Guide
Output Power
See Model Selection Guide
Efficiency
See Model Selection Guide
Capacitive Load
470
µF
Operating Frequency
20
500
kHz
Ripple & Noise (20 MHz)
See Model Selection Guide
Temperature Coefficient
±0.03
%/ºC
Thermal Impedance
Natural Convection
+30
º
C/W
Output Short Circuit
Regulated At Rated Output Current
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
º
C
Case
+110
Storage Temperature Range
-40
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Lead Temperature (Solder)
1.5 mm From Case For 10 Sec
260
ºC
Physical
Case Size
1.25 x 0.80 x 0.49 Inches (31.75 x 20.32 x 12.45 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.622 Oz (17.7g)
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Units
DC/DC On
Open or 0.3V < VADJ <1.25V
DC/DC Off
VADJ <0.15V
Remote Pin Drive Current
VADJ = 1.25V
1
mA
Quiescent Input Current (Shutdown Mode)
VIN = 60V
100
µA
PWM Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation Frequency
Recommended Maximum
1.0
kHz
Switch On Time
200
nS
Switch Off Time
200
nS
Analog Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
At VADJ Input (Pin 4)
0.3
1.25
VDC
Output Current Adjustment
25
100
%
Control Voltage Range Limits
On
0.20
0.30
VDC
Off
0.15
0.25
Drive Current
VADJ = 1.25V
1.0
mA
EMC Compliance
EMI/RFI
Radiated/Conducted
EN 55015 (CISPR22)
Electrostatic Discharge (ESD)
Class A
IEC/EN 61000-4-2, -6, -8
RF Field Susceptibility
Class A
IEC/EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
Class A
IEC/EN 61000-4-4
EMS Immunity
EN61547
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
950
kHours
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
LD48-xx-xxW
Compact, Wired
Constant Current
DC/DC LED Drivers
Key Features:
• Constant Current Output
• Wide 7V to 60V Input Range
• Efficiency to 97%
• Miniature MiniDIP Case
• IP67 Rated
• Meets EN 60950
• 950 kHrs MTBF
• Digital & Analog Dimming!
Board Mount
Models
Available
IP67


Similar Part No. - LD48

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD48 LIGHTGRAPHIX-LD48 Datasheet
6Mb / 5P
STEP LIGHT
19 March 2026
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
Constant Current Output
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
Compact, Wide Input Constant Current DC/DC LED Drivers
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
Constant Current Output
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
More results

Similar Description - LD48

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD24E MPD-LD24E Datasheet
288Kb / 2P
Low Cost, PWM Control Constant Current Output DC/DC LED Drivers
logo
Tumbler Technologies + ...
LSP18 TRUMPOWER-LSP18 Datasheet
51Kb / 1P
14 Watt Constant Current AC/DC LED Drivers
logo
MicroPower Direct, LLC
LD24-XX-XXX MPD-LD24-XX-XXX Datasheet
632Kb / 4P
Compact, Wide Input Constant Current DC/DC LED Drivers
LD24-XX-XXW MPD-LD24-XX-XXW Datasheet
614Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
LD48-XX-XXX MPD-LD48-XX-XXX Datasheet
632Kb / 4P
Compact, Wide Input Constant Current DC/DC LED Drivers
LD48-XX-XXW MPD-LD48-XX-XXW Datasheet
639Kb / 4P
Compact, Wired Constant Current DC/DC LED Drivers
LDB24-XXX MPD-LDB24-XXX Datasheet
438Kb / 4P
Compact, Boost Constant Current DC/DC LED Drivers
LDF24E-XX-XXX MPD-LDF24E-XX-XXX Datasheet
341Kb / 2P
Miniature, SMT Constant Current Output DC/DC LED Drivers
LDM12-XX-XXX MPD-LDM12-XX-XXX Datasheet
590Kb / 4P
Miniature, Wide Input Constant Current DC/DC LED Drivers
LDM24-XX-XXX MPD-LDM24-XX-XXX Datasheet
607Kb / 4P
Miniature, Wide Input Constant Current DC/DC LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com