Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1117K Datasheet(PDF) 5 Page - Sony Corporation

Part # CXG1117K
Description  Power Amplifier Module for JCDMA
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1117K Datasheet(HTML) 5 Page - Sony Corporation

  CXG1117K Datasheet HTML 1Page - Sony Corporation CXG1117K Datasheet HTML 2Page - Sony Corporation CXG1117K Datasheet HTML 3Page - Sony Corporation CXG1117K Datasheet HTML 4Page - Sony Corporation CXG1117K Datasheet HTML 5Page - Sony Corporation CXG1117K Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
– 5 –
CXG1117K
Example of Representative Characteristics
Conditions: f = 900MHz
VDD1 = VDD2 = 3.5V, VGG = 2.95V
Ta = 25°C
POUT vs. PIN
PIN [dBm]
–18
34
32
30
28
26
24
22
20
18
16
14
12
10
8
6
–16–14 –12 –10 –8 –6 –4 –2 0
24
68 10
ACPR2 vs. POUT
POUT [dBm]
–56
–58
–60
–62
–64
–66
–68
–70
–72
–74
–76
–78
–80
ACPR1 vs. POUT
POUT [dBm]
–34
–36
–38
–40
–42
–44
–46
–48
–50
–52
–54
–56
–58
–60
–62
–64
Gain vs. POUT
POUT [dBm]
28.0
27.5
27.0
26.5
26.0
25.5
25.0
24.5
24.0
23.5
23.0
22.5
22.0
IDD vs. POUT
POUT [dBm]
8
650
600
550
500
450
400
350
300
250
200
150
100
50
0
10 12 14 16 18 20 22 24 26 28 30 32
8
10 12 14 16 18 20 22 24 26 28 30 32
8
10 12 14 16 18 20 22 24 26 28 30 32
8
10 12 14 16 18 20 22 24 26 28 30 32



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com