Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T0 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T0
Description  Serial real-time clock
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T0_11 Datasheet HTML 13Page - STMicroelectronics M41T0_11 Datasheet HTML 14Page - STMicroelectronics M41T0_11 Datasheet HTML 15Page - STMicroelectronics M41T0_11 Datasheet HTML 16Page - STMicroelectronics M41T0_11 Datasheet HTML 17Page - STMicroelectronics M41T0_11 Datasheet HTML 18Page - STMicroelectronics M41T0_11 Datasheet HTML 19Page - STMicroelectronics M41T0_11 Datasheet HTML 20Page - STMicroelectronics M41T0_11 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
M41T0
DC and AC parameters
Doc ID 9105 Rev 7
17/23
Table 7.
DC characteristics
Sym
Parameter
Test condition(1)
Min
Typ
Max
Unit
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply current
Frequency (SCL) = 400 kHz
3.0 V
35
55
µA
5.5 V
130
200
µA
ICC2
(2) Supply current (standby)
All inputs = VCC – 0.2 V
Frequency (SCL) = 0 Hz
3.0 V
0.9
1.2
µA
5.5 V
31
µA
VIL
Input low voltage
–0.3
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC + 0.3
V
VOL
Output low voltage
IOL = 3 mA
0.4
V
Output low voltage
(open drain)
IOL = 10 mA
0.4
V
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.0 to 5.5 V (except where noted).
2.
At 25 °C.
Table 8.
Crystal electrical characteristics
Symbol
Parameter(1)(2)
Min
Typ
Max
Unit
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60(3)
k
Ω
CL
Load capacitance
12.5
pF
1.
These values are externally supplied. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning Fork
Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS can
be contacted at kouhou@kdsj.co.jp or http://www.kdsj.co.jp for further information on this crystal type.
2.
Load capacitors are integrated within the M41T0. Circuit board layout considerations for the 32.768 kHz crystal of minimum
trace lengths and isolation from RF generating signals should be taken into account.
3.
RS = 40 kΩ when VCC ≤ 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com