Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPL-03SE Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPL-03SE
Description  Single Output, 3W Ultra-Miniature SIP AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPL-03SE Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPL-03SE Datasheet HTML 1Page - MicroPower Direct, LLC MPL-03SE Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
Pin
Function
Pin
Function
1
AC-Neutral
7
-VCAP
3
AC-Line
10
-VOUT
5+VCAP
12
+VOUT
Pin Connections
Model
Number
Input
Output
Output
Voltage
Accuracy
(%)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
(mA Max.)
115 VAC 230 VAC
MPL-03S-05E
0.120
0.060
5.0
500
±5.0
69
MPL-03S-09E
0.120
0.060
9.0
333
±5.0
76
MPL-03S-12E
0.120
0.060
12.0
250
±8.0
78
MPL-03S-15E
0.120
0.060
15.0
200
±5.0
78
MPL-03S-24E
0.120
0.060
24.0
125
±5.0
78
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
1. It is recommended that an external fuse and NTC be used. The recommended
fuse is a 1.0A/250V slow blow and for the NTC, a 5D-9.
2. An external MOV is recommended on the input to protect the unit in the event of
a surge. A 561KD14 or equivalent is recommended.
3. The filter capacitor C1 is required for EMC performance over the full input range.
The recommended value is 22 µF/400V.
4. Recommended output filtering capacitors are:
C2
C3
TVS
MPL-03S-05E
1.0 µF/50V
470 µF/35V
SMBJ7.0A
MPL-03S-09E
1.0 µF/50V
330 µF/35V
SMBJ12A
MPL-03S-12E
1.0 µF/50V
150 µF/35V
SMBJ20A
MPL-03S-15E
1.0 µF/50V
150 µF/35V
SMBJ20A
MPL-03S-24E
1.0 µF/50V
150 µF/35V
SMBJ30A
The output filtering capacitor (C3) is a high frequency, low resistance electrolytic
capacitor.Capacitor (C2) is ceramic.Voltage derating of capacitors should be 80%
or above.
5. Input noise and surge suppression modules are available for a number of MPD
AC/DC power supplies.An MPL-03SE connection with theACFM-01 is illustrated
in the diagram at left. For pricing or full technical information on these modules
(ACFM-01 and ACFM-02) please contact the factory.
Notes:
1. For the 5V output model, a 270 µF output filter capacitor is required.
2. Operation at no load will not damage the units, however, they may not meet all specifications.
3. All units are rated for EN 55022 (CE/RE) class A without external components. They will meet class B with
the addition of the ACFM-01 (or a similar discrete filter circuit). Contact the factory for more information.
4. To meet the requirements of EN 61000-4-3, (10V/m) external components are needed.This can be done
discretely, or with the addition of the ACFM-01. Contact the factory for more information.
5. To meet the requirements of EN 61000-4-4 (±4 kV), external components are needed.This can be done
discretely, or with the addition of the ACFM-01. Contact the factory for more information.
6. To meet the requirements of EN 61000-4-5 (±4 kV/±4 kV), external components are needed. This can be
done discretely, or with the addition of the ACFM-01. Contact the factory for more information.
7. To meet the requirements of EN 61000-4-6 (3V rms), external components are needed.This can be done
discretely, or with the addition of the ACFM-01. Contact the factory for more information.
8. It is recommended that a fuse be used on the input of a power supply for protection. For the
MPL-03SE series, a 1.0A/250 VAC slow blow should be used.
Input Voltage Vs Load
The diagram below illustrates a typical application connection of the MPL-03SE series. Notes on this circuit (starting with the input circuit) are:
Typical Board Layout: With ACFM-01 Input Module (See note 5)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com