Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T58Y Datasheet(PDF) 32 Page - STMicroelectronics

Part # M48T58Y
Description  5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58Y Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M48T58Y Datasheet HTML 25Page - STMicroelectronics M48T58Y Datasheet HTML 26Page - STMicroelectronics M48T58Y Datasheet HTML 27Page - STMicroelectronics M48T58Y Datasheet HTML 28Page - STMicroelectronics M48T58Y Datasheet HTML 29Page - STMicroelectronics M48T58Y Datasheet HTML 30Page - STMicroelectronics M48T58Y Datasheet HTML 31Page - STMicroelectronics M48T58Y Datasheet HTML 32Page - STMicroelectronics M48T58Y Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision history
M48T58, M48T58Y
32/33
Doc ID 2412 Rev 8
12
Revision history
Table 18.
Document revision history
Date
Revision
Changes
Jul-1999
1
First issue
27-Jul-2000
1.1
Century bit and battery low flag paragraphs added; power down/up AC
characteristics table and waveforms changed (Table 10, Figure 12)
04-Jun-2001
2
Reformatted; temperature information added (Table 9, 3, 4, 10, 11)
31-Jul-2001
2.1
Formatting changes from recent document review findings
20-May-2002
2.2
Modify reflow time and temperature footnotes (Table 6)
01-Apr-2003
3
v2.2 template applied; test condition updated (Table 11)
17-Jul-2003
3.1
Update “battery low flag” information
02-Apr-2004
4
Reformatted; update lead-free packaging information (Table 6, 16)
30-Aug-2007
5
Reformatted; added lead-free second level interconnect information to
cover page and Section 9: Package mechanical data; updated Table 9.
24-Mar-2009
6
UpdatedTable 6, Section 9: Package mechanical data; added Section 11:
Environmental information; minor reformatting.
02-Aug-2010
7
Reformatted document; updated Section 7, Table 12.
07-Jun-2011
8
Updated footnote 1 of Table 6: Absolute maximum ratings; updated
Section 11: Environmental information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com