Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE555 Datasheet(PDF) 18 Page - STMicroelectronics

Part # NE555
Description  General-purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE555 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button NE555 Datasheet HTML 12Page - STMicroelectronics NE555 Datasheet HTML 13Page - STMicroelectronics NE555 Datasheet HTML 14Page - STMicroelectronics NE555 Datasheet HTML 15Page - STMicroelectronics NE555 Datasheet HTML 16Page - STMicroelectronics NE555 Datasheet HTML 17Page - STMicroelectronics NE555 Datasheet HTML 18Page - STMicroelectronics NE555 Datasheet HTML 19Page - STMicroelectronics NE555 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Ordering information
NE555 - SA555 - SE555
18/20
Doc ID 2182 Rev 6
6
Ordering information
Table 6.
Order codes
Part number
Temperature range
Package
Packing
Marking
NE555N
0 °C, +70 °C
DIP8
Tube
NE555N
NE555D(1)/DT
1.
Not recommended for new design. Contact local ST sales office for availability.
SO-8
Tube(1) or tape & reel
NE555
SA555N
-40 °C, +105 °C
DIP8
Tube
SA555N
SA555D(1)/DT
SO-8
Tube(1) or tape & reel
SA555
SE555N
-55 °C, + 125 °C
DIP8
Tube
SE555N
SE555D(1)/DT
SO-8
Tube(1) or tape & reel
SE555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com