Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC56EL54X Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC56EL54X
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54X Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC56EL54X Datasheet HTML 6Page - STMicroelectronics SPC56EL54X Datasheet HTML 7Page - STMicroelectronics SPC56EL54X Datasheet HTML 8Page - STMicroelectronics SPC56EL54X Datasheet HTML 9Page - STMicroelectronics SPC56EL54X Datasheet HTML 10Page - STMicroelectronics SPC56EL54X Datasheet HTML 11Page - STMicroelectronics SPC56EL54X Datasheet HTML 12Page - STMicroelectronics SPC56EL54X Datasheet HTML 13Page - STMicroelectronics SPC56EL54X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 160 page
background image
Introduction
SPC56XL60/54
10/160
Doc ID 15457 Rev 8
1.4
Block diagram
Figure 1 shows a top-level block diagram of the SPC56XL60/54 device.
Debug
Nexus
Level 3+
Level 3+
Packages
LQFP
100 pins
144 pins
100 pins
144 pins
LBGA(3)
LBGA257
LBGA257
Temperature
Temperature range (junction)
–40 to 150
°C
–40 to 150
°C
Ambient temperature range
using external ballast transistor
(LQFP)
–40 to 125
°C
–40 to 125
°C
1.
The third eTimer (eTimer_2) is available with external I/O access only in the BGA package, on the LQFP package
eTimer_2 is available internally only without any external I/O access.
2.
The second FlexPWM module is available only in the BGA package.
3.
LBGA257 available only as development package.
Table 1.
SPC56XL60/54 device summary (continued)
Feature
SPC56EL60
SPC56EL54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com