Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F272M Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST10F272M_12 Datasheet HTML 41Page - STMicroelectronics ST10F272M_12 Datasheet HTML 42Page - STMicroelectronics ST10F272M_12 Datasheet HTML 43Page - STMicroelectronics ST10F272M_12 Datasheet HTML 44Page - STMicroelectronics ST10F272M_12 Datasheet HTML 45Page - STMicroelectronics ST10F272M_12 Datasheet HTML 46Page - STMicroelectronics ST10F272M_12 Datasheet HTML 47Page - STMicroelectronics ST10F272M_12 Datasheet HTML 48Page - STMicroelectronics ST10F272M_12 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 176 page
background image
ST10F272M
Central processing unit (CPU)
Doc ID 12968 Rev 3
45/176
7
Central processing unit (CPU)
The CPU includes a 4-stage instruction pipeline, a 16-bit arithmetic and logic unit (ALU) and dedicated
SFRs. Additional hardware has been added for a separate multiply and divide unit, a bit-mask generator
and a barrel shifter.
Most of the ST10F272M’s instructions can be executed in one instruction cycle which requires 50 ns at
40 MHz CPU clock. For example, shift and rotate instructions are processed in one instruction cycle
independent of the number of bits to be shifted.
Multiple-cycle instructions have been optimized: branches are carried out in 2 cycles, 16 x 16-bit
multiplication in 5 cycles and a 32-/16-bit division in 10 cycles.
The jump cache reduces the execution time of repeatedly performed jumps in a loop, from 2 cycles to
1 cycle.
The CPU uses a bank of 16 word registers to run the current context. This bank of general purpose
registers (GPR) is physically stored within the on-chip internal RAM (IRAM) area. A context pointer (CP)
register determines the base address of the active register bank to be accessed by the CPU.
The number of register banks is only restricted by the available internal RAM space. For easy parameter
passing, a register bank may overlap others.
A system stack of up to 2048 bytes is provided as a storage for temporary data. The system stack is
allocated in the on-chip RAM area, and it is accessed by the CPU via the stack pointer (SP) register.
Two separate SFRs, STKOV and STKUN, are implicitly compared against the stack pointer value upon
each stack access for the detection of a stack overflow or underflow.
Figure 7.
CPU block diagram (MAC unit not included)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com