Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7570 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7570
Description  S-FSK power line networking system-on-chip
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7570 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7570 Datasheet HTML 11Page - STMicroelectronics ST7570 Datasheet HTML 12Page - STMicroelectronics ST7570 Datasheet HTML 13Page - STMicroelectronics ST7570 Datasheet HTML 14Page - STMicroelectronics ST7570 Datasheet HTML 15Page - STMicroelectronics ST7570 Datasheet HTML 16Page - STMicroelectronics ST7570 Datasheet HTML 17Page - STMicroelectronics ST7570 Datasheet HTML 18Page - STMicroelectronics ST7570 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ST7570
Analog front end (AFE)
Doc ID 17526 Rev 2
15/26
5.4
Current and voltage control
The power amplifier output current sensing is performed by mirroring a fraction of the output
current and making it flow through a resistor RCL connected between the CL pin and VSS.
The following relationship can be established between V(CL) and I(PA_OUT):
Equation 2 V(CL) vs. I(PA_OUT)
The voltage level V(CL) is compared with the internal threshold CL_TH. When the V(CL)
exceeds the CL_TH level, the V(TX_OUT) voltage is decreased by one TX_GAIN step at a
time until V(CL) goes below the CL_TH threshold.
The current sense circuit is depicted in Figure 6.
Figure 7.
PA_OUT current sense circuit
The RCL value to get the desired output current limit I(PA_OUT)LIM can be calculated
according to Equation 3:
Equation 3 RCL calculation
Note that I(PA_OUT)LIM is expressed as peak current, so the corresponding rms current
value shall be calculated according to the transmitted signal waveform.
The RCL value to get 1 A rms output current limit, calculated with typical values for CL_TH
and CL_RATIO parameters, is indicated in Table 7.
Table 7.
CL resistor typical values
Parameter
Description
Value
Unit
RCL
Resistor value for I(PA_OUT) MAX = 1 A rms (1.41 A peak)
133
Ω
VCL
()
R
CL
I PA_OUT
()
⋅
CL_RATIO
-------------------------------------------------
=
R
CL
CL_TH
I(PA_OUT)
LIM
CL_RATIO
⁄
---------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com