Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7590 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7590
Description  Narrow-band OFDM power line networking PRIME compliant system-on-chip
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7590 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7590 Datasheet HTML 11Page - STMicroelectronics ST7590 Datasheet HTML 12Page - STMicroelectronics ST7590 Datasheet HTML 13Page - STMicroelectronics ST7590 Datasheet HTML 14Page - STMicroelectronics ST7590 Datasheet HTML 15Page - STMicroelectronics ST7590 Datasheet HTML 16Page - STMicroelectronics ST7590 Datasheet HTML 17Page - STMicroelectronics ST7590 Datasheet HTML 18Page - STMicroelectronics ST7590 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ST7590
Analog front end (AFE)
Doc ID 18349 Rev 1
15/24
4.2
Transmission path
Figure 6 shows the transmission path block diagram. It is mainly based on a digital to analog
converter (DAC), capable to generate a very linear signal up to its full scale output. A gain
control block before the DAC gives the possibility to scale down the output signal to match
the desired transmission level.
Figure 6.
Transmission path block diagram
According to PRIME Specifications the output level can be set on a 8-step logarithmic scale
between a Maximum Output Level (MOL) and a minimum output level (MOL - 21dB), with
steps of 3dB (typical). The maximum level corresponds to the TX_OUT full range.
4.3
Power amplifier
The integrated Power Amplifier is characterized by very high linearity, required to comply
with the different international regulations (CENELEC, FCC etc.) limiting the spurious
conducted emissions on the mains, and a current capability of 1Arms (typical) that allows
the amplifier driving even very low impedance points of the network.
All pins of the Power Amplifier are accessible, making it possible to build an Active Filter
network to increase the linearity of the output signal.
4.4
Thermal shutdown and temperature control
The ST7590 performs an automatic shutdown of the power amplifier circuitry when the
internal temperature exceeds 170 °C. After a Thermal shutdown event, the temperature
must get below 125 °C before the ST7590 power amplifier comes back to operation.
Moreover a digital thermometer is embedded to identify the internal temperature among four
zones, as indicated in Table 6.
Table 6.
Temperature zones
Temperature zone
Temperature range (Typ.)
1
T < T_TH1
2T_TH1 < T < T_TH2
3T_TH2 < T < T_TH3
4
T > T_TH3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com