Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLC3075 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 23Page - STMicroelectronics STLC3075_09 Datasheet HTML 24Page - STMicroelectronics STLC3075_09 Datasheet HTML 25Page - STMicroelectronics STLC3075_09 Datasheet HTML 26Page - STMicroelectronics STLC3075_09 Datasheet HTML 27Page - STMicroelectronics STLC3075_09 Datasheet HTML 28Page - STMicroelectronics STLC3075_09 Datasheet HTML 29Page - STMicroelectronics STLC3075_09 Datasheet HTML 30Page - STMicroelectronics STLC3075_09 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
STLC3075
Electrical characteristics
27/36
Vring
Line voltage
RING D2 toggling @ fr = 25 Hz
Load = 3REN
Crest Factor = 1.25
1REN = 1800
Ω + 1.0 µF
Tamb = -40 to +85 °C
44
48
Vrms
Detectors
IOFFTHA
Off/hook current threshold
Active mode, RTH = 32.4 k
Ω
1% (Prog. ITH = 9 mA)
10.5
mA
ROFTHA
Off/hook loop resistance threshold
Active mode, RTH = 32.4 k
Ω
1% (Prog. ITH = 9 mA)
3.4
k
Ω
IONTHA
On/hook current threshold
Active mode, RTH = 32.4 k
Ω
1% (Prog. ITH = 9 mA)
6mA
RONTHA
On/hook loop resistance threshold
Active mode, RTH = 32.4 k
Ω
1% (Prog. ITH = 9 mA)
8k
Ω
IOFFTHI
Off/hook current threshold
Hi Z mode, RTH = 32.4 k
Ω
1% (Prog. ITH = 9 mA)
10.5
mA
ROFFTHI Off/hook loop resistance threshold
Hi Z mode, RTH = 32.4 k
Ω
1% (Prog. ITH = 9 mA)
800
Ω
IONTHI
On/hook current threshold
Hi Z mode, RTH = 32.4 k
Ω
1% (Prog. ITH = 9 mA)
6mA
RONTHI
On/hook loop resistance threshold
Hi Z mode, RTH = 32.4 k
Ω
1% (Prog. ITH = 9 mA)
8k
Ω
Irt
Ring trip detector threshold range
Ring
20
50
mA
Irta
Ring trip detector threshold
accuracy
Ring
-15
15
%
Trtd
Ring trip detection time
Ring
60
ms
Td
Dialling distortion
Active mode
-1
1
ms
Rlrt(1)
Loop resistance
500
Ω
ThAl
Tj for th. alarm activation
160
°C
(1) Rlrt = Maximum loop resistance (incl. telephone) for correct ring trip detection.
Digital interface
Inputs: D0, D1, D2, PD, CLK
Outputs: DET
Vih
In put high voltage
2
V
Vil
Input low voltage
0.8
V
Iih
Input high current
-10
10
μA
Iil
Input low current
-10
10
μA
Vol
Output low voltage
Iol = 1mA
0.45
V
Table 17.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com