Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L120C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS20L120C
Description  Power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L120C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS20L120C Datasheet HTML 1Page - STMicroelectronics STPS20L120C Datasheet HTML 2Page - STMicroelectronics STPS20L120C Datasheet HTML 3Page - STMicroelectronics STPS20L120C Datasheet HTML 4Page - STMicroelectronics STPS20L120C Datasheet HTML 5Page - STMicroelectronics STPS20L120C Datasheet HTML 6Page - STMicroelectronics STPS20L120C Datasheet HTML 7Page - STMicroelectronics STPS20L120C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS20L120C
Characteristics
Doc ID 15670 Rev 1
3/8
Figure 1.
Average forward power dissipation
vs. average forward current
(per diode)
Figure 2.
Average forward current vs.
ambient temperature
(
δ = 0.5, per diode)
0
1
2
3
4
5
6
7
8
9
012
3456
789
10
11
12
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ=tp/T
tp
P
(W)
F(AV)
I
(A)
F(AV)
0
2
4
6
8
10
12
0
25
50
75
100
125
150
R
th(j-a)=Rth(j-c)
R
th(j-a)=15°C/W
T
δ=tp/T
tp
TO-220AB
TO-220FP
I
(A)
F(AV)
T
(°C)
amb
Figure 3.
Normalized avalanche power
derating vs. pulse duration
Figure 4.
Normalized avalanche power
derating vs. junction temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 5.
Non repetitive surge peak forward
current vs. overload duration (max.
values, per diode) (TO-220AB)
Figure 6.
Non repetitive surge peak forward
current vs. overload duration (max.
values, per diode) (TO-220FPAB)
0
20
40
60
80
100
120
140
160
180
1.E-03
1.E-02
1.E-01
1.E+00
T
C=25°C
T
C=75°C
T
C=125°C
IM
t
δ =0.5
I (A)
M
t(s)
I (A)
M
0
20
40
60
80
100
120
1.E-03
1.E-02
1.E-01
1.E+00
T
C=25°C
T
C=75°C
T
C=125°C
IM
t
δ =0.5
t(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com