Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3933S2 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3933S2
Description  90W GaN WIDE-BAND POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3933S2 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3933S2 Datasheet HTML 2Page - RF Micro Devices RF3933S2 Datasheet HTML 3Page - RF Micro Devices RF3933S2 Datasheet HTML 4Page - RF Micro Devices RF3933S2 Datasheet HTML 5Page - RF Micro Devices RF3933S2 Datasheet HTML 6Page - RF Micro Devices RF3933S2 Datasheet HTML 7Page - RF Micro Devices RF3933S2 Datasheet HTML 8Page - RF Micro Devices RF3933S2 Datasheet HTML 9Page - RF Micro Devices RF3933S2 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF3933
DS120306
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance in Standard 900MHz Tuned Test Fixture
(CW, T = 25°C, unless otherwise noted)
15
16
17
18
19
20
21
22
23
24
25
30
32
34
36
38
40
42
44
46
48
50
52
Output Power (dBm)
Gain vs. Output Power (f = 900MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
Gain
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
30
32
34
36
38
40
42
44
46
48
50
52
Output Power (dBm)
Efficiency vs. Output Power (f = 900MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
Drain Eff
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
30
32
34
36
38
40
42
44
46
48
50
52
Output Power (dBm)
Input Return Loss vs. Output Power (f = 900MHz)
(Pulsed 10% duty cycle, 10uS, Vd = 48V, Idq = 300mA)
IRL
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
13
14
15
16
17
18
19
20
21
22
23
880
890
900
910
920
Frequency (MHz)
Small Signal Performance vs. Frequency, Pout = 30dBm
(Vd = 48V, Idq = 300mA)
Gain
IRL
Fixed tuned test circuit
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
11
12
13
14
15
16
17
18
19
20
21
880890
900910
920
Frequency (MHz)
Gain/IRL vs. Frequency, Pout = 49.5dBm
(CW, Vd = 48V, Idq = 300mA)
Gain
IRL
Fixed tuned test circuit
65
67
69
71
73
75
880
890
900
910
920
Frequency (MHz)
Drain Efficiency vs. Frequency, Pout = 49.5dBm
(CW, Vd = 48V, Idq = 300mA)
Eff
Fixed tuned test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com