Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2040B Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF2040B
Description  Designed for SDARS IF Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2040B Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF2040B Datasheet HTML 1Page - RF Monolithics, Inc SF2040B Datasheet HTML 2Page - RF Monolithics, Inc SF2040B Datasheet HTML 3Page - RF Monolithics, Inc SF2040B Datasheet HTML 4Page - RF Monolithics, Inc SF2040B Datasheet HTML 5Page - RF Monolithics, Inc SF2040B Datasheet HTML 6Page - RF Monolithics, Inc SF2040B Datasheet HTML 7Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
80.460 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2040B-082905
Matching Circuit and Matching Component Values Used in G3 Sirius Radios
(Refer to Sirius Radio G3 Chipset Application Note, Doc. #RX000104-B, Sec. 4.2.5)
Reference Designator
Value
C13
12 pF
C14
12 pF
L7
240 nH
L8
390 nH
L9
390 pF
C15
10 pF
TDM2 Narrowband SAW Matching Values
TDM2 Narrowband SAW Matching Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com