Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS41H100C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS41H100C
Description  Low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41H100C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS41H100C_12 Datasheet HTML 1Page - STMicroelectronics STPS41H100C_12 Datasheet HTML 2Page - STMicroelectronics STPS41H100C_12 Datasheet HTML 3Page - STMicroelectronics STPS41H100C_12 Datasheet HTML 4Page - STMicroelectronics STPS41H100C_12 Datasheet HTML 5Page - STMicroelectronics STPS41H100C_12 Datasheet HTML 6Page - STMicroelectronics STPS41H100C_12 Datasheet HTML 7Page - STMicroelectronics STPS41H100C_12 Datasheet HTML 8Page - STMicroelectronics STPS41H100C_12 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2012
Doc ID 8613 Rev 5
1/9
9
STPS41H100C
Low drop power Schottky rectifier
Datasheet
− production data
Features
■
Negligible switching losses
■
Low leakage current
■
Good trade off between leakage current and
forward voltage drop
■
Low thermal resistance
■
Avalanche capability specified
Description
Dual center tab Schottky rectifier suited for switch
mode power supply and high frequency DC to DC
converters.
Packaged in D2PAK, I2PAK and TO-220AB, this
device is intended for use in high frequency
inverters.
j
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 20 A
VRRM
100 V
Tj (max)
175 °C
VF(max)
0.67 V
A1
K
A2
A1
K
A2
A1
K
A2
K
A1
A2
TO-220AB
STPS41H100CT
D2PAK
STPS41H100CG
I2PAK
STPS41H100CR
www.st.com


Similar Part No. - STPS41H100C_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
Automotive low drop power Schottky rectifier
21-Oct-2011
STPS41H100CG STMICROELECTRONICS-STPS41H100CG Datasheet
98Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41H100CG STMICROELECTRONICS-STPS41H100CG Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
logo
Inchange Semiconductor ...
STPS41H100CG ISC-STPS41H100CG Datasheet
273Kb / 2P
Schottky Barrier Rectifier
logo
STMicroelectronics
STPS41H100CG-TR STMICROELECTRONICS-STPS41H100CG-TR Datasheet
98Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS41H100C_12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com