Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2148B Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # SF2148B
Description  Designed for TD-SCDMA Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2148B Datasheet(HTML) 4 Page - RF Monolithics, Inc

  SF2148B Datasheet HTML 1Page - RF Monolithics, Inc SF2148B Datasheet HTML 2Page - RF Monolithics, Inc SF2148B Datasheet HTML 3Page - RF Monolithics, Inc SF2148B Datasheet HTML 4Page - RF Monolithics, Inc SF2148B Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 5
©2008 by RF Monolithics, Inc.
SF2148B - 7/9/09
Tape and Reel Specifications
“B “
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
2000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
PIN #1
See Detail "A"
2.0
12.0
16.0
Carrier Tape Dimensions
Tolerance
Ao
5.5 mm
± 0.1mm
Bo
7.5 mm
± 0.1mm
Ko
2.0 mm
± 0.1mm
Pitch
8.0 mm
± 0.1mm
W
16.0 mm
± 0.2mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com