Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9352
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9352_08 Datasheet HTML 9Page - STMicroelectronics L9352_08 Datasheet HTML 10Page - STMicroelectronics L9352_08 Datasheet HTML 11Page - STMicroelectronics L9352_08 Datasheet HTML 12Page - STMicroelectronics L9352_08 Datasheet HTML 13Page - STMicroelectronics L9352_08 Datasheet HTML 14Page - STMicroelectronics L9352_08 Datasheet HTML 15Page - STMicroelectronics L9352_08 Datasheet HTML 16Page - STMicroelectronics L9352_08 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
L9352B
Functional description
13/27
4
Functional description
4.1
Overview
The L9352B is designed to drive inductive loads (relays, electromagnetic valves) in low side
configuration. Integrated active Zener-clamp (for channel1 and 2) or free wheeling diodes
(for channel 3 and 4) allow the recirculation of the inductive loads. All four channels are
monitored with a status output. All wiring to the loads and supply pins of the device are
controlled. The device is self-protected against short circuit at the outputs and over
temperature. For each channel one independent push-pull status output is used for a
parallel diagnostic function.
Channel 3 and 4 work as current regulator. A PWM signal on the input defines the target
output current. The output current is controlled through the output PWM of the power stage.
The regulator limit of 90% is detected and monitored with the status signal. The current is
measured during recirculation phase of the load.
A test mode compares the differences between the two regulators. This “drift” test compares
the output PWM of the regulators. By this feature a drift of the load during lifetime can be
detected.
4.2
Input circuits
The INput, CLK, TEST and ENable inputs, are active high, consist of Schmidt triggers with
hysteresis. All inputs are connected to pull-down current sources.
4.3
Output stages (not regulated) channel 1 and 2
The two power outputs (5A) consist of DMOS-power transistors with open drain output. The
output stages are protected against short circuit. Via integrated Zener-clamp-diodes the
overvoltage of the inductive loads due to recirculation are clamped to typ. 52V for fast shut
off of the valves. Parallel to the DMOS transistors there are internal pull-down current
sources. They are provided to assure an open load condition in the OFF-state. With EN=low
this current source is switched off, but the open load comparator is still active.
4.4
Current-regulator-stages channel 3 and 4
The current-regulator channels are designed to drive inductive loads. The target value of the
current is given by the duty cycle (DC) of the 2 kHz PWM input signal. The following figure
shows the relation between the input PWM and the output current and the specified
accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com