Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1210-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1210-Y
Description  Automotive ultrafast recovery - high voltage diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1210-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1210-Y Datasheet HTML 1Page - STMicroelectronics STTH1210-Y Datasheet HTML 2Page - STMicroelectronics STTH1210-Y Datasheet HTML 3Page - STMicroelectronics STTH1210-Y Datasheet HTML 4Page - STMicroelectronics STTH1210-Y Datasheet HTML 5Page - STMicroelectronics STTH1210-Y Datasheet HTML 6Page - STMicroelectronics STTH1210-Y Datasheet HTML 7Page - STMicroelectronics STTH1210-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
October 2012
Doc ID 018921 Rev 1
1/8
8
STTH1210-Y
Automotive ultrafast recovery - high voltage diode
Datasheet
production data
Features
■ AEC-Q101 qualified
■ Ultrafast, soft recovery
■ Very low conduction and switching losses
■ High frequency and high pulsed current
operation
■ High reverse voltage capability
■ High junction temperature
Description
The high quality design of this diode has
produced a device with low leakage current,
regularly reproducible characteristics and intrinsic
ruggedness. These characteristics make it ideal
for heavy duty applications that demand long term
reliability, like automotive applications.
These diodes also fit into auxiliary functions such
as snubber, bootstrap, and demagnetization
applications.
The improved performance in low leakage
current, and therefore thermal runaway guard
band, is an immediate competitive advantage for
this device.
Table 1.
Device summary
IF(AV)
12 A
VRRM
1000 V
Tj
175 °C
VF (typ)
1.30 V
trr (typ)
48 ns
K
K
A
A
TO-220AC
STTH1210DY
www.st.com


Similar Part No. - STTH1210-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1210 STMICROELECTRONICS-STTH1210 Datasheet
194Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH1210D STMICROELECTRONICS-STTH1210D Datasheet
194Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH1210DI STMICROELECTRONICS-STTH1210DI Datasheet
194Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
logo
Inchange Semiconductor ...
STTH1210DY ISC-STTH1210DY Datasheet
302Kb / 3P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH1210FP STMICROELECTRONICS-STTH1210FP Datasheet
194Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
More results

Similar Description - STTH1210-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6110TV STMICROELECTRONICS-STTH6110TV Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
STTH2R02-Y STMICROELECTRONICS-STTH2R02-Y Datasheet
96Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH4R02-Y STMICROELECTRONICS-STTH4R02-Y Datasheet
109Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH602C-Y STMICROELECTRONICS-STTH602C-Y Datasheet
99Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
Automotive ultrafast recovery diode
24-Oct-2012
STTH810-Y STMICROELECTRONICS-STTH810-Y Datasheet
111Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
STTH3010-Y STMICROELECTRONICS-STTH3010-Y Datasheet
196Kb / 9P
Automotive ultrafast recovery - high voltage diode
28-Jun-2012
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH2R02UY STMICROELECTRONICS-STTH2R02UY Datasheet
95Kb / 8P
Automotive ultrafast recovery diode
20-Oct-2010
STTH1R04-Y STMICROELECTRONICS-STTH1R04-Y Datasheet
163Kb / 10P
Automotive ultrafast recovery diode
09-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com