Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS5L25 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS5L25
Description  Low drop power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5L25 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS5L25 Datasheet HTML 1Page - STMicroelectronics STPS5L25 Datasheet HTML 2Page - STMicroelectronics STPS5L25 Datasheet HTML 3Page - STMicroelectronics STPS5L25 Datasheet HTML 4Page - STMicroelectronics STPS5L25 Datasheet HTML 5Page - STMicroelectronics STPS5L25 Datasheet HTML 6Page - STMicroelectronics STPS5L25 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS5L25
4/7
Figure 7.
Reverse leakage current versus
reverse voltage applied (typical
values)
Figure 8.
Junction capacitance versus
reverse voltage applied (typical
values)
0
5
10
15
20
25
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
3E+2
IR(mA)
Tj=125°C
Tj=25°C
Tj=150°C
VR(V)
12
5
10
20
30
100
200
500
1000
2000
VR(V)
C(pF)
F=1MHz
Tj=25°C
Figure 9.
Forward voltage drop versus
forward current (maximum values)
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under tab (Epoxy printed circuit
board FR4, copper thickness:
35 µm)
IFM(A)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
VFM(V)
Typical values
Tj=150°C
Tj=125°C
Tj=25°C
0
2
4
6
8
1012
14
1618
20
0
20
40
60
80
100
S(Cu) (cm²)
Rth(j-a) (°C/W)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com