Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE556 Datasheet(PDF) 5 Page - STMicroelectronics

Part # NE556
Description  General-purpose dual bipolar timers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NE556 Datasheet(HTML) 5 Page - STMicroelectronics

  NE556_09 Datasheet HTML 1Page - STMicroelectronics NE556_09 Datasheet HTML 2Page - STMicroelectronics NE556_09 Datasheet HTML 3Page - STMicroelectronics NE556_09 Datasheet HTML 4Page - STMicroelectronics NE556_09 Datasheet HTML 5Page - STMicroelectronics NE556_09 Datasheet HTML 6Page - STMicroelectronics NE556_09 Datasheet HTML 7Page - STMicroelectronics NE556_09 Datasheet HTML 8Page - STMicroelectronics NE556_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NE556 - SA556 - SE556
Electrical characteristics
5/16
Idis(off)
Discharge pin leakage current (output high)
(Vdis = 10V)
20
100
20
100
nA
Vdis(sat)
Discharge pin saturation voltage (output low) (4)
VCC = +15V, Idis = 15mA
VCC = +5V, Idis = 4.5mA
180
80
480
200
180
80
480
200
mV
tr
tf
Output rise time
Output fall time
100
100
200
200
100
100
300
300
ns
toff
Turn-off time (5) (Vreset = VCC)0.5
0.5
µs
1.
Tested at VCC = +5 V and VCC = +15 V
2.
This will determine the maximum value of RA + RB for +15V operation the max total is R = 20 MΩ and for +5 V operation
the max total R = 3.5 M
Ω
3.
Specified with trigger input high
4.
No protection against excessive pin 7 current is necessary, providing the package dissipation rating will not be exceeded
5.
Time measured from a positive going input pulse from 0 to 0.8 x VCC into the threshold to the drop from high to low of the
output trigger is tied to threshold.
Table 3.
Tamb = +25° C, VCC = +5 V to +15 V (unless otherwise specified) (continued)
Symbol
Parameter
SE556
NE556 - SA556
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com