Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL5510 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VL5510
Description  High dynamic range CMOS sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL5510 Datasheet(HTML) 1 Page - STMicroelectronics

  VL5510 Datasheet HTML 1Page - STMicroelectronics VL5510 Datasheet HTML 2Page - STMicroelectronics VL5510 Datasheet HTML 3Page - STMicroelectronics VL5510 Datasheet HTML 4Page - STMicroelectronics VL5510 Datasheet HTML 5Page - STMicroelectronics VL5510 Datasheet HTML 6Page - STMicroelectronics VL5510 Datasheet HTML 7Page - STMicroelectronics VL5510 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2008
Rev 2
1/8
1
VL5510
High dynamic range CMOS sensor
Features
1024 x 512 monochrome resolution sensor
High dynamic pixel (5.6 µm x 5.6 µm)
Parallel video data output interface (12 bit
parallel interface)
High speed serial link (CCP interface)
I2C control interface
SPI slave control interface
UART control interface
SPI master interface
3.3 V operation, 2.5 V for LVDS pads power
supply
On board 12 bit ADC
Small physical size
Ultra low power standby mode
On chip PLL
34 fps maximum frame rate at full resolution
On chip Anti Dark Sun correction
On chip VFPN correction (CDS)
On chip defect correction
On chip microcontroller for system level
flexibility
Applications
Adaptive cruise control/stop and go
Pedestrian detection and protection
Headway/forward collision warning
Pre-crash active safety
Lane departure warning
Lane keeping
Night vision (NIR - Near InfraRed)
Automatic high/low beam control
Lane change assist
Blind spot detection
Table 1.
Device summary
Part number
Package
Packing
VL5510
Bare die
Tray
OLGA
UNSAW DICE
Bare Die
OLGA
Bare die
www.st.com


Similar Part No. - VL5510

ManufacturerPart #DatasheetDescription
logo
SloanLED.
VL5 NANO SLOAN-VL5 NANO Datasheet
1Mb / 2P
Everyday LED lighting solution for block acrylic signs and small channel letters
Rev D 2024-12-03
VL5 NANO LONG SLOAN-VL5 NANO LONG Datasheet
1Mb / 2P
Everyday LED lighting solution for block acrylic signs and small channel letters
Rev D 2024-12-03
logo
CBC Group. CBC AMERICA ...
VL5024U-MPZ COMPUTAR-VL5024U-MPZ Datasheet
641Kb / 1P
f=50mm F2.4 for 1 Type 20Megapixel cameras, Motorized Control Fixed-focal USB interface, C-Mount
2022.11
VL5024U/S-MPZ COMPUTAR-VL5024U/S-MPZ Datasheet
747Kb / 2P
Motorized FA lens
05/26
logo
STMicroelectronics
VL53 STMICROELECTRONICS-VL53 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - VL5510

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
High Dynamic Range FET
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
logo
American Electronic Com...
TMR2101 AEC-TMR2101 Datasheet
376Kb / 4P
Large Dynamic Range TMR linear sensor
TMR2102 AEC-TMR2102 Datasheet
543Kb / 5P
Large Dynamic Range TMR linear sensor
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
logo
Melexis Microelectronic...
MLX75411 MELEXIS-MLX75411 Datasheet
859Kb / 2P
154dB High Dynamic Range (HDR) Automotive CMOS Image Sensors
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
Automotive 1.3 megapixel high-dynamic range image sensor
22-Jun-2018
logo
MultiDimension Technolo...
TMR2102 MULTIDIMENSION-TMR2102 Datasheet
570Kb / 5P
Large Dynamic Range TMR linear sensor
V1.0a
TMR2103 MULTIDIMENSION-TMR2103 Datasheet
560Kb / 5P
Large Dynamic Range TMR linear sensor
V1.0a
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com