Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3391D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF3391D
Description  433.42 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3391D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF3391D Datasheet HTML 1Page - RF Monolithics, Inc RF3391D Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
©2008-2010 by RF Monolithics, Inc.
RF3391D - 12/14/10
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C
fc
1, 2, 3
433.42
MHz
Insertion Loss
ILMIN
1, 3
2.8
3.5
dB
Passband Ripple (Relative to ILMIN) fc ±200 kHz
1, 3
1.2
1.8
dB
3 dB Bandwidth
BW3
1, 3
500
600
800
kHz
Rejection relative to ILMIN
10 - 415 MHz
1, 3
40
43
dB
415 - 425 MHz
30
33
425 - 431 MHz
20
23
435 - 440 MHz
10
13
445 - 450 MHz
30
33
450 - 1000 MHz
40
43
Temperature
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
≤10
ppm/yr
Impedance @ fc
Input ZIN = RINllCIN
ZIN
1
137.18
Ω ||7.58 pF
Output ZOUT = ROUTllCOUT
ZOUT
126.97
Ω || 7.87 pF
Lid Symbolization (Y=year WW=week S=shift)
739 // YWWS
Standard Reel Quantity
Reel Size 7 Inch
9
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
• Ideal Front-End Filter for European Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)10
The RF3391D is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide
front-end selectivity in 433.42 MHz receivers. Receiver designs using this filter include superhet with
10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are
wireless remote-control and security devices operating in Europe under ETSI I-ETS 300 220.
Characteristic
Value
Units
Input Power Level
+10
dBm
DC Voltage
12
VDC
Storage Temperature Range
-40 to +125
°C
Operating Temperature Range
-40 to +125
°C
Soldering Temperature (10 seconds / 5 cycles maximum)
260
°C
433.42 MHz
SAW Filter
RF3391D
SM3838-8 Case
3.8 x 3.8
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with VSWR ≤
1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that insertion loss and bandwidth and passband
shape are dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Where noted specifications apply over the entire specified operating temperature range of -40°C to +90°C.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may be
calculated from: f = fo [1 - FTC (To -Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
9.
Tape and Reel Standard Per ANSI / EIA 481.
10.
This product complies with Directive 2002/95/EC of the European Parlament and of the Council of 27 January 2003 on the restriction of the use of certain
hazadous substances in electrical and electronic equipment.
Pb


Similar Part No. - RF3391D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3391D MURATA-RF3391D Datasheet
160Kb / 2P
433.42 MHz SAW Filter
More results

Similar Description - RF3391D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1391C RFM-RF1391C Datasheet
71Kb / 2P
433.42 MHz SAW Filter
RO2112A RFM-RO2112A Datasheet
100Kb / 2P
433.42 MHz SAW Resonator
logo
EPCOS
B3791 EPCOS-B3791 Datasheet
66Kb / 8P
SAW filter 433.42 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0723A TAI-SAW-TA0723A Datasheet
331Kb / 6P
SAW Filter 433.42 MHz SMD 3.8X3.8 mm
logo
Murata Manufacturing Co...
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
433.42 MHz SAW Resonator
RO3112E MURATA-RO3112E Datasheet
99Kb / 2P
433.42 MHz SAW Resonator
RF1391C MURATA-RF1391C Datasheet
81Kb / 2P
433.42 MHz SAW Filter
RF3391D MURATA-RF3391D Datasheet
160Kb / 2P
433.42 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0128A TAI-SAW-TB0128A Datasheet
336Kb / 5P
SAW Filter 433.42 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com