Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3701E Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RF3701E
Description  433.92 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3701E Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RF3701E Datasheet HTML 1Page - RF Monolithics, Inc RF3701E Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
©2009-2010 by RF Monolithics, Inc.
RF3701E - 12/14/10
Absolute Maximum Ratings
Characteristic
Value
Units
Input Power Level
10
dBm
DC Voltage
12
VDC
Storage Temperature
-40 to +125
°C
Operable Temperature Range
-40 to +125
°C
Soldering Temperature (10 seconds / 5 cycles maximum)
260
°C
Case Dimensions
Case Materials
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
2.87
3.0
3.13
0.113
0.118
0.123
B
2.87
3.0
3.13
0.113
0.118
0.123
C
1.14
1.27
1.40
0.045
0.050
0.055
D
0.79
0.92
1.05
0.031
0.036
0.041
E
0.62
0.75
0.88
0.024
0.029
0.034
F
0.47
0.60
0.73
0.018
0.024
0.029
G
0.47
0.60
0.73
0.018
0.024
0.029
H
1.07
1.20
1.33
0.042
0.047
0.052
Materials
Solder Pad
Plating
0.3 to 1.0 µm Gold over 1.27 to 8.89 µm Nickel
Lid Plating
2.0 to 3.0 µm Nickel
Body
Al2O3 Ceramic
Pb Free
Pin
Connection
1
Input Ground
2
Input
3Ground
4
Case Ground
5
Output Ground
6Output
7Ground
8
Case Ground
Electrical Connections
Matching Circuit to 50
Ω
7
6
5
4
1
2
3
8
O u t p u t
8 2 n H
8 2 n H
I n p u t
A
1
2
3
B
7
6
5
4
C
H
4
E
F
G
8
D
8
7
6
5
1
2
3
PCB Footprint Dimensions
1.39 mm
.96 mm
.23 mm
.81 mm
8-Terminal Ceramic Surface-Mount Case
3.0 x 3.0 mm Nominal Footprint
SM3030-8 Case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com