Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-01C2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # CPL-WB-01C2
Description  Wide band directional coupler with ISO port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-01C2 Datasheet(HTML) 4 Page - STMicroelectronics

  CPL-WB-01C2 Datasheet HTML 1Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 2Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 3Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 4Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 5Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 6Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 7Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Reference evaluation board
CPL-WB-01C2
4/8
Doc ID 15366 Rev 3
2
Reference evaluation board
Figure 5.
CPW lines (W = 850 µm with gap to gnd = 260 µm) on top layer + GND on
bottom layer
●
Material: 2 layers FR4 with solder mask on top and bottom layer
●
Substrate thickness: 0.8 mm
●
Line lengths: 10.2 mm
●
Extension values on short line measurement: 102 ps
●
Through insertion loss: 0.20 dB @ 1 GHz , 0.24 dB@ 2 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com