Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-02D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CPL-WB-02D3
Description  Wide-band, directional coupler with integrated 50 ohm loaded isolated port
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-02D3 Datasheet(HTML) 2 Page - STMicroelectronics

  CPL-WB-02D3 Datasheet HTML 1Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 2Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 3Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 4Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 5Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 6Page - STMicroelectronics CPL-WB-02D3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
CPL-WB-02D3
2/7
Doc ID 023286 Rev 1
1
Characteristics
Table 1.
Absolute maximum rating (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PIN
Input power RFIN
25
dBm
VESD (HBM) Human body model, JESD22-A114-B, All I/O
2
kV
VESD (MM) Machine model, JESD22-A115-A, All I/O
100
V
VESD (CDM) Charge device model, JESD22-C101-C, All I/O
500
V
TOP
Operating temperature
-30
+85
ºC
Table 2.
Electrical characteristics (Tamb = 25 °C) - impedances
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZOUT
Nominal output impedance
50
Ω
ZIN
Nominal input impedance
50
Ω
ZCPLD
Nominal coupling impedance
50
Ω
Table 3.
Electrical characteristics (Tamb = 25 °C) - RF performance
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ. Max.
TOP
Operating temperature
-30
+85
°C
f
Frequency range
(bandwidth)
2400
5850
MHz
IL
Insertion loss in bandwidth
From 2400 MHz to 2500 MHz
0.2
dB
From 4900 MHz to 5850 MHz
0.5
RL
Return loss in bandwidth
(IN, OUT pins)
From 2400 MHz to 5850 MHz
15
dB
CPLD
Coupling factor
From 2400 MHz to 2500 MHz
17
18
19
dB
From 4900 MHz to 5850 MHz
11
12
13
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com