Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DATALOG-M24LR-A Datasheet(PDF) 1 Page - STMicroelectronics

Part # DATALOG-M24LR-A
Description  Datalogger reference board for the M24LR64-R Dual Interface EEPROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DATALOG-M24LR-A Datasheet(HTML) 1 Page - STMicroelectronics

  DATALOG-M24LR-A Datasheet HTML 1Page - STMicroelectronics DATALOG-M24LR-A Datasheet HTML 2Page - STMicroelectronics DATALOG-M24LR-A Datasheet HTML 3Page - STMicroelectronics DATALOG-M24LR-A Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2010
Doc ID 17870 Rev 2
1/4
4
DATALOG-M24LR-A
Datalogger reference board
for the M24LR64-R Dual Interface EEPROM
Features
■ Ready-to-use printed circuit board (PCB) with:
– 20 mm x 40 mm 13.56 MHz inductive
antenna etched on the PCB
– STM8L101K3 8-bit microcontroller
– STTS75 temperature sensor
– CR2330 battery
– ON/OFF switch
– SWIM connector for microcontroller
firmware upgrade
Description
The DATALOG-M24LR-A is a ready-to-use PCB
that features an M24LR64-R Dual Interface
EEPROM IC connected to an STM8L101K3 8-bit
microcontroller through an I2C bus on one side,
and to a 20 mm x 40 mm 13.56 MHz etched RF
antenna on the other one side. The STM8L101K3
is also interfaced with an STTS75 temperature
sensor and a CR2330 coin cell battery.
The DATALOG-M24LR-A allows system
designers to start developing a standalone or an
embedded datalogger.
The DATALOG-M24LR-A reference board is
supported by ST DEVKIT-M24LR-A, STARTKIT-
M24LR-A and DEMOKIT-M24LR-A evaluation
kits, for which a demonstration software is
available.
The reference board Gerber files can be
downloaded from http://www.st.com.
Figure 1.
DATALOG-M24LR-A block diagram
www.st.com


Similar Part No. - DATALOG-M24LR-A

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
DATALOGGERS CAMPBELL-DATALOGGERS Datasheet
5Mb / 8P
Also known as Data Loggers, Data Recorders, and RTUs
January 4, 2018
More results

Similar Description - DATALOG-M24LR-A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ANT1-M24LR16E STMICROELECTRONICS-ANT1-M24LR16E Datasheet
146Kb / 4P
45 mm x 75 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
ANT1-M24LR-A STMICROELECTRONICS-ANT1-M24LR-A Datasheet
78Kb / 3P
45 mm x 75 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT2-M24LR16E STMICROELECTRONICS-ANT2-M24LR16E Datasheet
144Kb / 4P
20 mm x 40 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
23-Jan-2012
ANT2-M24LR-A STMICROELECTRONICS-ANT2-M24LR-A Datasheet
65Kb / 3P
20 mm x 40 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT3-M24LR-A STMICROELECTRONICS-ANT3-M24LR-A Datasheet
64Kb / 3P
SMD-inductor based antenna reference board for the M24LR64-R Dual Interface EEPROM
25-Aug-2010
ANT4-M24LR-A STMICROELECTRONICS-ANT4-M24LR-A Datasheet
67Kb / 4P
2 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
26-Aug-2010
ANT5-M24LR-A STMICROELECTRONICS-ANT5-M24LR-A Datasheet
69Kb / 4P
4 x 64 Kbit multibank antenna reference board for the M24LR64-R Dual Interface EEPROM
26-Aug-2010
ROBOT-M24LR16E-A STMICROELECTRONICS-ROBOT-M24LR16E-A Datasheet
147Kb / 5P
Evaluation board for the M24LR16E-R dual interface EEPROM
27-Sep-2011
AN3209 STMICROELECTRONICS-AN3209 Datasheet
828Kb / 42P
Developing your M24LR64-R datalogger application for temperature acquisition
15-Apr-2011
UM0925 STMICROELECTRONICS-UM0925 Datasheet
853Kb / 22P
Using the M24LR64-R datalogger reference design
10-Jun-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com