Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCPL-WB-02D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DCPL-WB-02D3
Description  Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCPL-WB-02D3 Datasheet(HTML) 1 Page - STMicroelectronics

  DCPL-WB-02D3 Datasheet HTML 1Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 2Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 3Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 4Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 5Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 6Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 7Page - STMicroelectronics DCPL-WB-02D3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
June 2012
Doc ID 023285 Rev 1
1/8
8
DCPL-WB-02D3
Wide-band, dual-path directional coupler
with integrated 50 ohm loaded isolated port
Datasheet
− production data
Features
■ 50
Ω nominal input / output impedance
■ Wide operating frequency range:
– 2400 MHz-5850 MHz
■ Low insertion loss
■ High ESD ruggedness
■ Lead-free CSP
■ Small footprint: 1670 x 1440 µm
■ Very low profile (< 600 µm after reflow)
Benefits
■ High RF performance
■ RF module size reduction
Applications
Multi-band equipment such as:
■ Power amplifier module
■ Front end module
■ WLAN
Figure 1.
Pin configuration (bump view)
Description
The DCPL-WB-02D3 is a wide-band, dual-path
directional coupler designed to measure
transmission output power in WLAN applications.
This dual path CPL has been customized for
wide-band operating frequencies (2G/5G WLAN)
with low insertion losses in the transmission
bandwidth (2400 MHz - 5850 MHz).
This device is built with two different RF couplers
(one dedicated to LB, the other dedicated to HB)
sharing the same coupled ports. Isolated port is
loaded with an integrated 50
Ω resistor.
The DCPL-WB-02D3 has been designed using
STMicroelectronics IPD (integrated passive
device) technology on non-conductive glass
substrate to optimize RF performance. The device
is delivered 100% tested in tape and reel.
Flip Chip (7 bumps)
LB Path
HB Path
B1
C2
HB
in
1
2
3
B1
A
C
CPLD
50
Ω
LB
out
GND
LB
in
GND
B
HB
out
www.st.com


Similar Part No. - DCPL-WB-02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DCPL-WB-00C2 STMICROELECTRONICS-DCPL-WB-00C2 Datasheet
145Kb / 11P
Wide-band, dual-path directional coupler with ISO port
07-Oct-2010
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
Wide-band, dual-path directional coupler with ISO port
14-Apr-2010
More results

Similar Description - DCPL-WB-02D3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO150 BURR-BROWN-ISO150 Datasheet
156Kb / 9P
Dual, Isolated, Bi-Directional DIGITAL COUPLER
logo
Johanson Technology Inc...
0869CP14B1050 JOHANSON-0869CP14B1050 Datasheet
58Kb / 2P
870 / 1050 MHz Directional Coupler, Dual Band, Single Path
logo
STMicroelectronics
CPL-WB-00D3 STMICROELECTRONICS-CPL-WB-00D3 Datasheet
161Kb / 8P
Wide band directional coupler with ISO port
21-Apr-2010
CPL-WB-01C2 STMICROELECTRONICS-CPL-WB-01C2 Datasheet
453Kb / 8P
Wide band directional coupler with ISO port
06-Jan-2010
CPL-WB-01D3 STMICROELECTRONICS-CPL-WB-01D3 Datasheet
182Kb / 10P
Wide-band directional coupler with ISO port
14-Feb-2012
CPL-WB-02D3 STMICROELECTRONICS-CPL-WB-02D3 Datasheet
101Kb / 7P
Wide-band, directional coupler with integrated 50 ohm loaded isolated port
18-Jun-2012
DCPL-WB-00C2 STMICROELECTRONICS-DCPL-WB-00C2 Datasheet
145Kb / 11P
Wide-band, dual-path directional coupler with ISO port
07-Oct-2010
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
Wide-band, dual-path directional coupler with ISO port
14-Apr-2010
CPL-WBF-00D3 STMICROELECTRONICS-CPL-WBF-00D3 Datasheet
372Kb / 9P
Wide band directional coupler with ISO port
09-Aug-2013
CPI-WB-00C2 STMICROELECTRONICS-CPI-WB-00C2 Datasheet
450Kb / 8P
Wide band directional coupler with ISO port
06-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com