Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-SPK01F2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF02-SPK01F2
Description  2-line IPAD?? EMI filter and ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-SPK01F2 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF02-SPK01F2_11 Datasheet HTML 1Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 2Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 3Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 4Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 5Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 6Page - STMicroelectronics EMIF02-SPK01F2_11 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
EMIF02-SPK01F2
6/7
Doc ID 11740 Rev 2
Figure 15.
Packing
4
Ordering information
Note:
More packing information is available in the applications note:
AN1235: “Flip-Chip: package description and recommendations for use”
AN 1751: “EMI filters: Recomendations and measurements”
5
Revision history
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 ± 0.1
4 ± 0.1
Ø 1.5 ± 0.1
0.73 ± 0.05
xxz
yww
ST
xxz
yww
ST
xxz
yww
ST
E
E
E
Table 3.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF02-SPK01F2
FX
Flip Chip
2.1 mg
5000
Tape and reel (7”)
Table 4.
Document revision history
Date
Revision
Changes
14-Oct-2006
1
Initial release.
08-Sep-2011
2
Updated Figure 12 and Figure 13.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com