Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF02-USB04F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF02-USB04F3
Description  3-line IPAD?? EMI filter including ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-USB04F3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF02-USB04F3 Datasheet HTML 1Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 2Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 3Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 4Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 5Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 6Page - STMicroelectronics EMIF02-USB04F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EMIF02-USB04F3
Electrical characteristics
Doc ID 18144 Rev 1
3/7
Figure 4.
S21 (dB) attenuation measurement
on C3-C1 and A3-B1
Figure 5.
Analog crosstalk measurements on
C3 - A1
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
D+
D -
F = 335 MHz
C
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
dB
D+
-12.3
D-
-12.0
-19.5
D+
-20.4
D-
S21(dB)
F = 900 Mhz
S21(dB)
F = 1.8 Ghz
V= 0 V
BIAS
f/Hz
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
D+/D
-
- 60.00
- 50.00
- 40.00
- 30.00
- 20.00
- 10.00
0.00
XTalk(dB)
XTalk (dB)
300 kHz < F < 3 GHz >-12
f/Hz
V= 0 V
BIAS
Figure 6.
Digital crosstalk measurement on
C3-B1 in 50 environment
Figure 7.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on one input
V(in) and on one output V(out)
C2
C1
D-OUT
D+IN
1 V/Div.
100 mV/Div.
10 ns/Div.
10 ns/Div.
INPUT
OUTPUT
C2
C3
20 V/Div.
10 V/Div.
100 ns/Div
100 ns/Div
Figure 8.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on one input
V(in) and on one output V(out)
Figure 9.
Line capacitance versus applied
voltage (typical values, line C1-B2)
C2
C3
20 V/Div.
10 V/Div.
100 ns/Div
100 ns/Div
INPUT
OUTPUT
0
2
4
6
8
10
12
14
16
18
0
1
23
456
C (pF)
V (V)
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com