Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-MSD04F3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # EMIF06-MSD04F3
Description  6-line low capacitance IPAD??for micro-SD card with EMI filtering and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD04F3 Datasheet(HTML) 7 Page - STMicroelectronics

  EMIF06-MSD04F3_11 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD04F3_11 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EMIF06-MSD04F3
Package information
Doc ID 018849 Rev 1
7/9
4
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 12. Package dimensions
Figure 13.
Footprint
Figure 14.
Marking
1.54 mm ± 40 µm
255 µm ± 40
400 µm ± 40
170 µm ± 10
605 µm ± 55
220 µm recommended
220 µm recommended
260 µm maximum
Solder stencil opening:
Copper pad Diameter:
Solder mask opening:
300 µm minimum
x
y
z
w
x
w
Dot, ST logo
ECOPACK status
xx = marking
yww = datecode
y = year,
ww = week
z = manufacturing
location



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com