Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-SD03F3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 10Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 11Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Passive integration and low pass filter
EMIF06-SD03F3
8/23
Doc ID 15194 Rev 2
3
Passive integration and low pass filter
Figure 4.
Circuit diagram of EMIF06-SD03F3 (without LDO)
Note:
VBR in 14 V technology for pins: CMD-B, CLK-B, Dat0-B, Dat1-B, Dat2-B, Dat3-B, WP, CD
VBR in 8 V technology for pins: Vcc-B, CLK.h, CLK-f, CMD.h, Dat0.h, Dat1.h, Dat2.h, Dat3.h
Table 5.
LDO - current levels in recommended operating conditions
Symbol
Parameter
Test conditions(1)
Min. Typ. Max. Unit
IQ_OFF
Quiescent current consumption
IccA_OFF
VEN = 0.4 V, Vbat = 3.4 V, VccA = 1.92 V
*.dir, *.h, *-B = GND, WP = CD = VccA
All other pins floating
--
1
µA
Quiescent current consumption
Ibat_OFF
VEN = 0.4 V, Vbat = 5 V, VccA = 1.92 V
*.dir, *.h, *-B = GND
All other pins floating
--
1
µA
IQ_ON
Quiescent current consumption
(Ground pin current) Ibat + IccA
Level shifter disactivated
*.dir = 0 V, Vbat = 3.4 V
VEN = VccA = VCLK.h = 1.8 V
All other pins floating
Iout = 100 µA
-
160
220
µA
Iout = 50 mA
-
320
375
µA
Iout = 100 mA
-
470
550
µA
Iout = 200 mA
-
750
900
µA
1.
See Note: on page 3 for definition of collective names of pins, for example *.dir
Table 6.
Level shifter - current levels in recommended operating conditions
Symbol
Parameter
Test conditions(1)
Min.
Typ.
Max.
Unit
IccA_ON
Quiescent current on VccA
VEN = VccA = 1.92 V, Vbat = 3.4 V
*.dir = VccA, ViA = *.h = VccA
-3
10
µA
IccB_ON
Quiescent current on VccB
VEN = VccA = 1.92 V, Vbat = 3.4 V
*.dir = 0 V, VccB = 3.05 V, ViB = VccB
-15
30
µA
1.
See Note: on page 3 for definition of collective names of pins, for example *.dir
GN D
GN D
GND
GND
15 kV
15 kV
15 kV
15 kV
Card side
Host side
level
Shifter
R2
R4
R6
R5
R3
R1
CLK B
CLK.h
CMD B
CMD.h
Data0 B
Data0.h
Data1 B
Data1.h
Data2 B
Data2.h
WP
Data3 B
ESD 15 kV
ESD 15 kV
Data3.h
Enable
VccA
VccB
CD
ESD
2 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com