Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVALSPEAR320PLC Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSPEAR320PLC
Description  Evaluation board for SPEAr320 embedded MPU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSPEAR320PLC Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSPEAR320PLC Datasheet HTML 1Page - STMicroelectronics EVALSPEAR320PLC Datasheet HTML 2Page - STMicroelectronics EVALSPEAR320PLC Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2010
Doc ID 18019 Rev 1
1/3
3
EVALSPEAr320PLC
Evaluation board for SPEAr320 embedded MPU
Features
■ CPU board
– SPEAr320 embedded MPU
– Up to 2 Gbits DDR2 333 MHz (std 128
Mbytes)
– Up to 16 Mbytes serial Flash memory (std 8
Mbytes)
– Two USB 2.0 full host port channels
– One USB 2.0 host device port
– One serial port (up to 115 baud)
– JTAG debug ports
■ Application board
– 2 x Ethernet RJ-45 connectors
(ST802RT1A)
– 2 x CAN DB9 plug connectors
– 3 x RS-232 DB9 plug connectors
(ST3232EBTR)
– 1 x RS-485 DB9 socket connector
(ST3485EBDR)
– Digital input connectors (parallel and serial)
compatible with STEVAL-IFP007V1,
STEVAL-IFP008V1 and STEVAL-
IFP004V1 evaluation boards
– Digital output connectors (parallel and
serial) compatible with STEVAL-IFP009V1,
STEVAL-IFP001V1, STEVAL-IFP002V1
and STEVAL-IFP006V1 evaluation boards
– On-board temperature sensor
(STLM20W87F) and potentiometer (analog
input for ADC)
– Analog extension connector featuring 8
ADC lines
– General-purpose extension connector with
GPIOs and I2C functionality
– DC/DC converter L7986A (+24 V / +5 V)
– MicroSD card socket
– 4 LEDs, 2 general-purpose buttons and
system reset button
Description
This evaluation board can be used to evaluate the
SPEAr320 microprocessor with a variety of
devices and especially its media independent
interface (MII) automation mode.
The EVALSPEAr320PLC evaluation board kit
consists of two boards: a CPU board and a MII
mode application board. The SPEAr320
microprocessor is mounted on the CPU board
that is plugged on the MII mode application board.
Figure 1.
EVALSPEAr320PLC evaluation board
www.st.com


Similar Part No. - EVALSPEAR320PLC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSPEAR320HMI STMICROELECTRONICS-EVALSPEAR320HMI Datasheet
149Kb / 3P
EVALSPEAr320HMI SPEAr320 expansion board for HMI applications
12-Apr-2011
More results

Similar Description - EVALSPEAR320PLC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45 Datasheet
1Mb / 55P
ARM-based Embedded MPU
logo
STMicroelectronics
EVALSPEAR310 STMICROELECTRONICS-EVALSPEAR310 Datasheet
195Kb / 3P
Evaluation board for SPEAr310 embedded MPU
20-Sep-2010
EVALSPEAR320HMI STMICROELECTRONICS-EVALSPEAR320HMI Datasheet
149Kb / 3P
EVALSPEAr320HMI SPEAr320 expansion board for HMI applications
12-Apr-2011
EVALSPEAR600 STMICROELECTRONICS-EVALSPEAR600 Datasheet
155Kb / 3P
Evaluation board for SPEAr600 embedded MPU
20-Sep-2010
logo
List of Unclassifed Man...
MPU-3000 ETC2-MPU-3000 Datasheet
533Kb / 13P
MPU-3000 & MPU-3050 3-Axis Evaluation Board User Guide Revision 2.0
logo
ATMEL Corporation
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
ARM-based Embedded MPU
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
ARM-based Embedded MPU
logo
STMicroelectronics
UM0842 STMICROELECTRONICS-UM0842 Datasheet
810Kb / 50P
EVALSPEAr320PLC evaluation board for the SPEAr320
02-Dec-2010
logo
Microchip Technology
KSZ9477 MICROCHIP-KSZ9477 Datasheet
36Kb / 1P
KSZ9477 Managed Switch Evaluation board with SAMA5D36 MPU
3/29/2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com