Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC564A80CAL176 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC564A80CAL176
Description  SPC564Axx microcontroller family calibration and emulation system
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80CAL176 Datasheet(HTML) 1 Page - STMicroelectronics

  SPC564A80CAL176 Datasheet HTML 1Page - STMicroelectronics SPC564A80CAL176 Datasheet HTML 2Page - STMicroelectronics SPC564A80CAL176 Datasheet HTML 3Page - STMicroelectronics SPC564A80CAL176 Datasheet HTML 4Page - STMicroelectronics SPC564A80CAL176 Datasheet HTML 5Page - STMicroelectronics SPC564A80CAL176 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
July 2012
Doc ID 023384 Rev 1
1/6
1
SPC564A80CAL176
SPC564A70CAL176
SPC564Axx microcontroller family calibration and emulation
system
Data brief
Features
■ Support for LQFP176 MCU production
package allowing calibration systems to be
built without requiring modifications to the
standard production system housing
■ 2 MB static RAM organized as 512 K words by
32 bits
■
32-bit multiplexed Calibration bus
configuration;
■
Support for Nexus-based debug tools even if
application PCB does not include Nexus
connector
■ Nexus functionality with 12 Message Data Out
(MDO) signals
■
Support for full-feature calibration tools via
availability of comprehensive set of device
signals available on the connectors.
■
ERNI 154819 connector optimized for
calibration
■
High speed CAN transceiver with signals
protection
■
Specifications:
■
Board size 36 x 64.5 mm
■
Target connector compatible with
TQPACK176SD
Description
The SPC564A70CALxx and SPC564A80CALxx
is a calibration and emulation system supporting
the STMicroelectronics® SPC564AXX family of
automotive microprocessors.
The Calibration Adapter is designed to substitute
the QFP device on an ECU version used during
engine calibration.
The complete system consists of a
SPC564A70CAL176 board or a
SPC564A80CAL176 and a POLYPOD-TQ176
Poly-Pod which plugs directly into the
motherboard.
The Calibration Adapter can also be used as
emulation board as the Nexus trace port on
CSP496 allows using the pins for application
purpose.
www.st.com


Similar Part No. - SPC564A80CAL176

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC564A80B4 STMICROELECTRONICS-SPC564A80B4 Datasheet
1Mb / 157P
Up to 4 multiply and accumulate operations per cycle
18-Sep-2013
SPC564A80L7 STMICROELECTRONICS-SPC564A80L7 Datasheet
1Mb / 157P
Up to 4 multiply and accumulate operations per cycle
18-Sep-2013
More results

Similar Description - SPC564A80CAL176

ManufacturerPart #DatasheetDescription
logo
Winbond
W78958B WINBOND-W78958B Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
logo
Infineon Technologies A...
XC800 INFINEON-XC800 Datasheet
1Mb / 132P
Microcontroller Family Architecture and Instruction Set
V 0.1, Jan 2005
logo
STMicroelectronics
SPC563M64AVB176 STMICROELECTRONICS-SPC563M64AVB176 Datasheet
101Kb / 6P
SPC563Mxx microcontroller family calibration and emulation system
10-Sep-2012
SPC564A70CAL176 STMICROELECTRONICS-SPC564A70CAL176 Datasheet
152Kb / 6P
SPC564Axx microcontroller family calibration and emulation system
16-Jul-2012
SPC564AADPT324S STMICROELECTRONICS-SPC564AADPT324S Datasheet
105Kb / 4P
SPC563Mxx, SPC564Axx microcontroller family evaluation board
20-Sep-2012
logo
New Jersey Semi-Conduct...
U401 NJSEMI-U401 Datasheet
96Kb / 2P
Minimum System Error and Calibration
logo
STMicroelectronics
AN4287 STMICROELECTRONICS-AN4287 Datasheet
705Kb / 27P
Safety application guide for SPC564Axx family
24-Sep-2013
logo
Keysight Technologies
5992-1606 KEYSIGHT-5992-1606 Datasheet
3Mb / 10P
Propsim Channel Emulation Aerospace, Satellite and Airborne Radio System Testing
logo
STMicroelectronics
SPC563M64CAL144 STMICROELECTRONICS-SPC563M64CAL144 Datasheet
66Kb / 7P
SPC563M64CALxx microcontroller family calibration and emulation system
17-Sep-2013
logo
Ralston Instruments.
QTHA-BLB0-1F-1F RALSTON-QTHA-BLB0-1F-1F_19 Datasheet
302Kb / 1P
Keep a calibration system pressurized
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com