Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR300 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPEAR300
Description  Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR300 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPEAR300 Datasheet HTML 34Page - STMicroelectronics SPEAR300 Datasheet HTML 35Page - STMicroelectronics SPEAR300 Datasheet HTML 36Page - STMicroelectronics SPEAR300 Datasheet HTML 37Page - STMicroelectronics SPEAR300 Datasheet HTML 38Page - STMicroelectronics SPEAR300 Datasheet HTML 39Page - STMicroelectronics SPEAR300 Datasheet HTML 40Page - STMicroelectronics SPEAR300 Datasheet HTML 41Page - STMicroelectronics SPEAR300 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
Pin description
SPEAr300
38/83
Doc ID 16324 Rev 2
Main features:
NAND Flash interface (8 bits, 5 control signals)
External Memory Interface (8 data bits, 8 address bits and 4 control signals)
8 SPI/I2C control signals
Digital-to-analog converter (DAC)
I2S block
TDM block capable of communicating with 4 external devices
SDIO interface supporting SPI, SD1 and SD4 mode
GPIOs with interrupt capability
Mode 10: 8-bit camera without LCD
Main features:
8-bit camera interface
9x9 keyboard
4 SPI/I2C control signals
Digital-to-analog converter (DAC)
I2S block
TDM block capable of communicating with 2 external devices
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
GPIOs with interrupt capability
Mode 11: 14-bit camera with LCD
Main features:
14-bit camera interface
7x5 keyboard
CLCD controller interface
Digital-to-analog converter (DAC)
I2S block
TDM block capable of communicating with 2 external devices
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
GPIOs with interrupt capability
Mode 12: 14-bit camera without LCD
Main features:
14-bit camera interface
7x5 keyboard
Digital-to-analog converter (DAC)
I2S block
TDM block capable of communicating with 2 external devices
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
GPIOs with interrupt capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com