Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1284 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST1284
Description  Parallel port single termination network with ±15 kV ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1284 Datasheet(HTML) 3 Page - STMicroelectronics

  ST1284_12 Datasheet HTML 1Page - STMicroelectronics ST1284_12 Datasheet HTML 2Page - STMicroelectronics ST1284_12 Datasheet HTML 3Page - STMicroelectronics ST1284_12 Datasheet HTML 4Page - STMicroelectronics ST1284_12 Datasheet HTML 5Page - STMicroelectronics ST1284_12 Datasheet HTML 6Page - STMicroelectronics ST1284_12 Datasheet HTML 7Page - STMicroelectronics ST1284_12 Datasheet HTML 8Page - STMicroelectronics ST1284_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST1284
Characteristics
Doc ID 6976 Rev 4
3/10
1
Characteristics
Basic cell configurations
The ST1284-01A8 is built around the two basic cells described below which integrate the
recommended IEEE1284 network and the ESD protection compatible with IEC 61000-4-2
level 4.
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, air discharge
±16
kV
ESD discharge IEC 61000-4-2, contact discharge
±9
IESD discharge - MIL STD 883E - Method 3015-7
± 25
VCC
Supply voltage
5.5
V
Pr
Power rating per resistor
100
mW
PP
Package Power rating
1
Ω
Top
Operating temperature range
0 to + 70
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Tj
Maximum operating junction temperature
125
°C
Table 2.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IR
Leakage current
VCC = 5.0 V
10
µA
VBR
Breakdown voltage
IR = 1 mA
6
V
VF
Forward voltage drop
IF = 50 mA
0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com