Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-CCA005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-CCA005V1
Description  Evaluation board for the TSH173 triple video buffer with filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA005V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
May 2008
Rev 1
1/4
4
STEVAL-CCA005V1
Evaluation board for the
TSH173 triple video buffer with filter
Features
■ 4.5 V to 5.5 V single supply operation
■ R-G-B, Y-Pb-Pr, Y-C-CVBS driving
■ 3 channels with 6 dB gain buffer
■ 3 video reconstruction filters for SD (standard-
definition)
■ 3 internal input DC level shifter
■ Very low harmonic distortion
■ Each output can drive AC- or DC-coupled
150
Ω loads
Description
This evaluation board is designed to aid in the
evaluation of the TSH173, a single supply triple
video buffer featuring an internal gain of 6 dB and
an internal low pass filter with an 8.2 MHz cut-off
frequency for each channel, in compliance with
standard-definition requirements for video line
interfaces.
STEVAL-CCA005V1
www.st.com


Similar Part No. - STEVAL-CCA005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA001V1 STMICROELECTRONICS-STEVAL-CCA001V1 Datasheet
68Kb / 4P
Mono class audio amplifier based on TS4962MEIJT in flip chip
19-Oct-2007
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
Thermal and short-circuit protection
19-Dec-2007
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
Near-zero pop and click
28-Jan-2008
STEVAL-CCA004V1 STMICROELECTRONICS-STEVAL-CCA004V1 Datasheet
95Kb / 4P
Internal reconstruction filter
06-Feb-2008
STEVAL-CCA006V1 STMICROELECTRONICS-STEVAL-CCA006V1 Datasheet
100Kb / 4P
3 channels with 6 dB gain buffer
06-May-2008
More results

Similar Description - STEVAL-CCA005V1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
TSH103 STMICROELECTRONICS-TSH103 Datasheet
139Kb / 10P
Low cost triple video buffer/filter for standard video
19-Sep-2007
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
TSH346 STMICROELECTRONICS-TSH346 Datasheet
380Kb / 18P
Triple video buffer/filter for HD video applications
16-Dec-2008
STEVAL-CCA010V1 STMICROELECTRONICS-STEVAL-CCA010V1 Datasheet
138Kb / 4P
Demonstration board for video buffer plus filter with SAG correction based on the TSH122
02-Feb-2009
STEVAL-CCA015V1 STMICROELECTRONICS-STEVAL-CCA015V1 Datasheet
152Kb / 4P
Triple video buffer with filter for HD demonstration board based on the TSH346
11-Jun-2009
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
ADA4411-3 AD-ADA4411-3_15 Datasheet
398Kb / 16P
Integrated Triple Video Filter and Buffer with Selectable
REV. 0
logo
STMicroelectronics
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
TSH173 triple video buffer with filter for SD video
31-Jan-2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com