Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-CCA015V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-CCA015V1
Description  Triple video buffer with filter for HD demonstration board based on the TSH346
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA015V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA015V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA015V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA015V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA015V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
June 2009
Doc ID 15863 Rev 1
1/4
4
STEVAL-CCA015V1
Triple video buffer with filter for HD
demonstration board based on the TSH346
Features
■ 4.5 V to 5.5 V single supply operation
■ R-G-B, Y-Pb-Pr, Y-C-CVBS, HD driving
■ 3 channels with 6 dB gain buffer
■ 3 video reconstruction filters for HD
■ 3 internal input DC level shifter
■ No input capacitor is required
■ Very low harmonic distortion
■ Each output can drive AC/DC coupled
150
Ω loads
■ Tested on 5 V power supply
■ RoHS compliant
Description
This demonstration board is designed to evaluate
the TSH346, a single supply triple video buffer
featuring an internal gain of 6 dB and an internal
low pass filter of 36 MHz cut-off frequency for
each channel to fit with high definition
requirements for video line interfaces.
STEVAL-CCA015V1
www.st.com


Similar Part No. - STEVAL-CCA015V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA010V1 STMICROELECTRONICS-STEVAL-CCA010V1 Datasheet
138Kb / 4P
Demonstration board for video buffer plus filter with SAG correction based on the TSH122
02-Feb-2009
STEVAL-CCA011V1 STMICROELECTRONICS-STEVAL-CCA011V1 Datasheet
162Kb / 6P
Filter-free stereo 2x2.5 W Class-D audio power amplifier demonstration board based on the TS2012FC
03-Jun-2009
STEVAL-CCA012V1 STMICROELECTRONICS-STEVAL-CCA012V1 Datasheet
107Kb / 4P
3 W filter-free class-D audio amplifier demonstration board with 6-12 dB fixed gain select based on the TS2007
17-Jun-2009
STEVAL-CCA016V1 STMICROELECTRONICS-STEVAL-CCA016V1 Datasheet
103Kb / 5P
Filter-free stereo 2.8 W Class-D audio power amplifier demo board with selectable 3D sound effects based on the TS4999
11-Jun-2009
STEVAL-CCA018V1 STMICROELECTRONICS-STEVAL-CCA018V1 Datasheet
139Kb / 4P
Single-supply stereo digital audio line driver based on the TS4657
29-Oct-2009
More results

Similar Description - STEVAL-CCA015V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
TSH346 STMICROELECTRONICS-TSH346 Datasheet
380Kb / 18P
Triple video buffer/filter for HD video applications
16-Dec-2008
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-CCA005V1 STMICROELECTRONICS-STEVAL-CCA005V1 Datasheet
98Kb / 4P
Evaluation board for the TSH173 triple video buffer with filter
05-May-2008
STEVAL-CCA010V1 STMICROELECTRONICS-STEVAL-CCA010V1 Datasheet
138Kb / 4P
Demonstration board for video buffer plus filter with SAG correction based on the TSH122
02-Feb-2009
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com