Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT138FF Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT138FF
Description  Glass passivated triacs in a full pack plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138FF Datasheet(HTML) 1 Page - Unisonic Technologies

  UT138FF Datasheet HTML 1Page - Unisonic Technologies UT138FF Datasheet HTML 2Page - Unisonic Technologies UT138FF Datasheet HTML 3Page - Unisonic Technologies UT138FF Datasheet HTML 4Page - Unisonic Technologies UT138FF Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC UT138FF/FG
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R401-020,B
TRIACS
DESCRIPTION
Glass passivated triacs in a full pack plastic envelope, intended
for use in applications requiring high bidirectional transient and
blocking voltage capability and high thermal cycling performance.
Typical applications include motor control, industrial and
domestic lighting, heating and static switching.
SYMBOL
MT2
MT1
G
TO-220F
1
1:MT1
2:MT2
3:GATE
ABSOLUTE MAXIMUM RATINGS ( Tj=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Repetitive Peak Off-State Voltages
UT138FF/FG-5
UT138FF/FG-6
UT138FF/FG-8
VDRM
500*
600*
800
V
RMS On-state Current
(Full sine wave, Ths≤56
°C)
IT(RMS)
12
A
Non-repetitive Peak. On-State Current
(Full sine wave, Tj=125
°C prior to surge, with reapplied
VDRM(max)
t=20ms
t=16.7ms
ITSM
90
100
A
I2t For Fusing
(t=10ms)
I2t
40
A2s
Repetitive Rate of Rise of On-state Current after Triggering
(ITM=20A,IG=0.2A, dIG/dt=0.2A/
µs)
T2+ G+
T2+ G-
T2- G-
T2- G+
dIT/dt
50
50
50
10
A/
µs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (over any 20ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-40~150
°C
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch
to the on-state. The rate of rise of current should not exceed 15A/
µs.


Similar Part No. - UT138FF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT138FFG-5-TF3-R UTC-UT138FFG-5-TF3-R Datasheet
265Kb / 6P
TRIAC
UT138FFG-6-TF3-R UTC-UT138FFG-6-TF3-R Datasheet
265Kb / 6P
TRIAC
UT138FFG-8-TF3-R UTC-UT138FFG-8-TF3-R Datasheet
265Kb / 6P
TRIAC
UT138FFL-5-TF3-R UTC-UT138FFL-5-TF3-R Datasheet
265Kb / 6P
TRIAC
UT138FFL-6-TF3-R UTC-UT138FFL-6-TF3-R Datasheet
265Kb / 6P
TRIAC
More results

Similar Description - UT138FF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BT139X-600 KERSEMI-BT139X-600 Datasheet
936Kb / 5P
Glass passivated triacs in a full pack
BT139X-500E KERSEMI-BT139X-500E Datasheet
936Kb / 5P
Glass passivated triacs in a full pack
BT137X-600D KERSEMI-BT137X-600D Datasheet
937Kb / 5P
Glass passivated triacs in a full pack
BT137X-500E KERSEMI-BT137X-500E Datasheet
937Kb / 5P
Glass passivated triacs in a full pack
BT136X-800E KERSEMI-BT136X-800E Datasheet
1Mb / 5P
Glass passivated triacs in a full pack
BT136X-600D KERSEMI-BT136X-600D Datasheet
1Mb / 5P
Glass passivated triacs in a full pack
BT136X-500D KERSEMI-BT136X-500D Datasheet
1Mb / 5P
Glass passivated triacs in a full pack
logo
First Silicon Co., Ltd
BT04F-600B FS-BT04F-600B Datasheet
287Kb / 3P
Glass passivated triacs in a plastic envelope
BT136-600 FS-BT136-600 Datasheet
293Kb / 3P
Glass passivated triacs in a plastic envelope
BTA04-600B FS-BTA04-600B Datasheet
384Kb / 3P
Glass passivated triacs in a plastic envelope, intended for use in applications requiring high bidirectional transient andblocking voltage capability and high thermal cycling performance.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com