Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74LVC2G02 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC2G02
Description  The UTC U74LVC2G02 is a dual 2-input positive-NOR gate which provides the function Y=AB or Y=AB .
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G02 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC2G02 Datasheet HTML 1Page - Unisonic Technologies U74LVC2G02 Datasheet HTML 2Page - Unisonic Technologies U74LVC2G02 Datasheet HTML 3Page - Unisonic Technologies U74LVC2G02 Datasheet HTML 4Page - Unisonic Technologies U74LVC2G02 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC2G02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-790.A
ABSOLUTE MAXIMUM RATINGS (TA =25°C , unless otherwise specified) (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
-50
mA
Output Clamp Current
IOK
-50
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Storage Temperature
TSTG
-65 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBO
L
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
1.65
3.3
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall
rate
tR, tF
VCC=1.8V±0.15V,2.5V±0.2V
20
ns/V
VCC=3.3V±0.3V
10
VCC=5V±0.5V
5
Operating Temperature
TA
-40
25
85
°C
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=1.65V to 1.95V
0.65*Vcc
V
VCC=2.3V to 2.7V
1.7
VCC=3V to 3.6V
2
VCC=4.5V to 5.5V
0.7*Vcc
Low-Level Input Voltage
VIL
VCC=1.65V to 1.95V
0.35*Vcc
V
VCC=2.3V to 2.7V
0.7
VCC=3V to 3.6V
0.8
VCC=4.5V to 5.5V
0.3*Vcc
High-Level Output Voltage
VOH
VCC=1.65 to 5.5V, IOH=-100μA
Vcc-0.1
V
VCC=1.65V, IOH=-4mA
1.2
VCC=2.3V, IOH=-8mA
1.9
VCC=3V, IOH=-16mA
2.4
VCC=3V, IOH=-24mA
2.3
VCC=4.5V, IOH=-32mA
3.8
Low-Level Output Voltage
VOL
VCC=1.65 to 5.5V, IOL=100μA
0.1
V
VCC=1.65V, IOL=4mA
0.45
VCC=2.3V, IOL=8mA
0.3
VCC=3V, IOL=16mA
0.4
VCC=3V, IOL=24mA
0.55
VCC=4.5V, IOL=32mA
0.55
Input Leakage Current
II(LEAK)
VCC=0 to 5.5V, VIN=5.5V or GND
±5
μA
Power off Current
Ioff
VCC=0V, VIN or Vo=5.5V
±10
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com