Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC1G34L-AE5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHC1G34L-AE5-R
Description  SINGLE NON-INVERTING GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G34L-AE5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHC1G34L-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G34L-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G34L-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G34L-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G34L-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74AHC1G34
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-805.A
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)(Note1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~+7.0
V
Input Voltage
VIN
-0.5~+7.0
V
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
High-level Output Current
IOH
VCC=2V
-50
mA
VCC=3.3V±0.3V
-4
mA
VCC=5V±0.5V
-8
mA
Low-level Output Current
IOL
VCC=2V
50
mA
VCC=3.3V±0.3V
4
mA
VCC=5V±0.5V
8
mA
Input Transition Rise or Fall Rate
Δt/Δv
VCC=3.3+0.3V
100
ns/V
VCC=5.0+0.5V
20
Operating Temperature
TA
-40
+25
+85
°C
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=2.0V
1.5
V
VCC=3.0V
2.1
VCC=5.5V
3.85
Low-Level Input Voltage
VIL
VCC=2.0V
0.5
V
VCC=3.0V
0.9
VCC=5.5V
1.65
High-Level Output Voltage
VOH
IOH=-50μA, VCC=2.0V
1.9
2.0
V
IOH=-50μA, VCC=3.0V
2.9
3.0
IOH=-50μA, VCC=5.5V
4.4
4.5
IOH=-4mA, VCC=3.0V
2.58
IOH=-8mA, VCC=4.5V
3.94
Low-Level Output Voltage
VOL
IOL=50μA, VCC=2.0V
0.1
V
IOL=50μA, VCC=3.0V
0.1
IOL=50μA, VCC=4.5V
0.1
IOL =4mA, VCC=3.0V
0.36
IOL =8mA, VCC=4.5V
0.36
Input Leakage Current
II(LEAK)
VIN=VCC or GND, VCC=0V~5.5V
±0.1
μA
Quiescent Supply Current
IQ
VIN=VCC or GND
IOUT=0, VCC=5.5V
10
μA
Input Capacitance
CIN
VIN=VCC or GND
2
10
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com