Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR003V1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEVAL-TDR003V1
Description  2-stage RF power amp: PD84001 PD54008L-E LPF N-channel enhancement-mode lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR003V1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEVAL-TDR003V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-TDR003V1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Typical performance
STEVAL-TDR003V1
8/20
Doc ID 17343 Rev 1
Designator
Manufacturer
Size
Value
Comment
Part number
RF IN, RF OUT
amplifier, RF
OUT filter
Johnson
SMA
142-0701-801
Substrate
H = 20 mil
h = 2 oz
Substrate
FR-4
TL1
W = 0.9 2mm
L = 3 mm
Z = 50
Ω
Transmission line
TL2
W = 0.92 mm
L = 7.2 mm
Z = 50
Ω
TL3
W = 0.92 mm
L = 6.2 3mm
Z = 50
Ω
TL4
W = 0.92 mm
L = 6.62 mm
Z = 50
Ω
TL5
W = 0.92 mm
L = 5.8 mm
Z = 50
Ω
TL6
W = 0.92 mm
L = 2.2 mm
Z = 50
Ω
TL7
W = 0.92 mm
L = 11 mm
Z = 50
Ω
TL8
W = 0.92 mm
L = 12.4 mm
Z = 50
Ω
TL9
W = 0.92 mm
L = 2 mm
Z = 50
Ω
Table 4.
Component list (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com